Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

281Q Datasheet(PDF) 1 Page - 3M Electronics

Part # 281Q
Description  3M??Wetordry??Polishing Paper
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

281Q Datasheet(HTML) 1 Page - 3M Electronics

  281Q Datasheet HTML 1Page - 3M Electronics 281Q Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3MWetordryPolishing Paper
281Q
• 286Q • 481Q • 486Q
Product Description
3M™ Wetordry™ Polishing Papers are comprised of micron graded aluminum oxide and silicon carbide particles that are
slurry coated onto a non-woven synthetic backing. Wetordry Polishing Papers provide excellent flexibility for finishing
and polishing high contoured surfaces. The pattern coating also lends itself well to polishing soft materials like plastic and
soft metal alloys – aluminum, brass, copper etc. Available plain, or with PSA (Pressure Sensitive Adhesive) backing.
3
Technical Data
February 2013
Applications
• CD/DVD repair, plastic and metal finishing.
• Wafer edge cleaning.
Key Features
– Produces excellent surface finish.
– Reduces overall process time.
– Produces high yields.
– For use in a variety of applications on a variety of machines.
– Non-slurry processing.
Product I.D. Mineral Size Grading Chart
Product ID
Product ID
Mineral
Micron Grade
Color
(plain back)
(PSA back)
(nominal)
281Q
N/A
Aluminum Oxide
1
Light Green
281Q
286Q
Aluminum Oxide
2
Teal
281Q
286Q
Aluminum Oxide
3
Pink
281Q
286Q
Aluminum Oxide
9
Blue
481Q
486Q
Silicon Carbide
15
Gray
481Q
486Q
Silicon Carbide
30
Green
Converted Forms
• Sheets, Discs and Rolls.
• Maximum width 26".
Backing
• Synthetic non-woven substrate.
• Nominal thickness: 9.5 mil.


Similar Part No. - 281Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
281 ETC-281 Datasheet
38Kb / 1P
High CMV, High Performance Isolation Amplifiers
logo
Littelfuse
281 LITTELFUSE-281 Datasheet
181Kb / 1P
Fuseholders - For MicroTM Fuse or Pico II Fuses
logo
Intronics Power, Inc.
281 INTRONICS-281 Datasheet
1Mb / 6P
High CMV, High Performance Isolation Amplifiers
logo
List of Unclassifed Man...
281 ETC2-281 Datasheet
122Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
281 ETC2-281 Datasheet
128Kb / 1P
Wiha Drive-Loc VI Blades
More results

Similar Description - 281Q

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
182-005SW GLENAIR-182-005SW Datasheet
196Kb / 1P
Fiber Optic Polishing Tool
logo
3M Electronics
A02014 3M-A02014 Datasheet
51Kb / 1P
Wetordry??734 Tri-Mite??Abrasive Sheet
logo
PHOENIX CONTACT
POLPAP-1500-POF PHOENIX-POLPAP-1500-POF Datasheet
41Kb / 2P
Polishing paper for POF contacts
2744131 PHOENIX-2744131 Datasheet
64Kb / 3P
Polymer fiber DIY case, consisting of: Stripping knife, stripping pliers, polishing wheels for F-SMA and SCRJ quick mounting connectors, polishing pad and emery paper
1636813 PHOENIX-1636813 Datasheet
41Kb / 2P
Polishing paper - POLPAP 1500-POF
logo
3M Electronics
6141 3M-6141 Datasheet
132Kb / 5P
3M??Light Duty Water Activated Paper Tape 6141
401M 3M-401M Datasheet
143Kb / 5P
3M??Double Coated Paper Tape 401M
256 3M-256 Datasheet
564Kb / 5P
3M??Scotch짰 Printable Flatback Paper Tape 256
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
865X 3M-865X Datasheet
989Kb / 4P
3M™ Lapping Film 865X For Final Polishing of Fiber Optic Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com