Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC94551 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC94551
Description  Low Voltage 1:4 CMOS Clock Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC94551 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC94551 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC94551 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC94551 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC94551 Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Advanced Clock Drivers Devices
2
Freescale Semiconductor
MPC94551
Table 1. Pin Description
Pin Number
Pin Name
Pin Type
Pin Description
1
ICLK
Input
Clock input, internal pull-up resistor
2
Q1
Output
Clock output(1)
1. A 33
Ω series terminating resistor may be used on each clock output if the trace is longer than 1 inch.
3
Q2
Output
Clock output(1)
4
Q3
Output
Clock output(1)
5
Q4
Output
Clock output(1)
6
GND
Power
Connect to ground(2)
2. A decoupling capacitor of 0.01
µF should be connected between V
DD on pin 7 and GND on pin 6, as close to the device as possible.
7VDD
Power
Connect to 3.3 V(2)
8
OE
Input
Output enable, tri-states outputs when low, internal pull-up resistor
Table 2. Absolute Maximum Ratings(1)
1. Stresses above the ratings listed below can cause permanent damage to the device. These ratings are stress ratings only. Functional
operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed
only over the recommended operating temperature range.
Parameter
Rating
Unit
Power Supply Voltage, VDD
3.9
V
All Inputs and Outputs
–0.5 to VDD +0.5
V
Ambient Operating Temperature
–40 to +85
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
175
°C
Soldering Temperature
260
°C
Table 3. DC Characteristics (VDD = 3.3 V ± 5%; Ambient Temperature = –40°C to 85°C)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Voltage
VDD
3.15
3.45
V
Input High Voltage(1), ICLK
1. Nominal switching threshold is VDD/2.
VIH
VDD/2 + 0.7
3.8
V
Input Low Voltage(1), ICLK
VIL
VDD/2 – 0.7
V
Input High Voltage, OE
VIH
2VDD
V
Input Low Voltage, OE
VIL
0.8
V
Ouput Low Voltage
VOL
IOL = 12 mA
0.4
V
Output High Voltage
VOH
IOH = –12 mA
2.4
V
Operating Supply Current
IDD
No load, 135 MHz
30
mA
Nominal Output Impedance
ZO
27
Internal Pull-up Resistor
RPU
ICLK
31
k
Input Capacitance
CIN
OE pin
5
pF
CIN
ICLK
1
pF
Short Circuit Current
IOS
±50
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com