Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

F1240 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # F1240
Description  Dual Channel IF Digital Variable Gain Amplifier 10MHz to 500MHz
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1240 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button F1240 Datasheet HTML 20Page - Renesas Technology Corp F1240 Datasheet HTML 21Page - Renesas Technology Corp F1240 Datasheet HTML 22Page - Renesas Technology Corp F1240 Datasheet HTML 23Page - Renesas Technology Corp F1240 Datasheet HTML 24Page - Renesas Technology Corp F1240 Datasheet HTML 25Page - Renesas Technology Corp F1240 Datasheet HTML 26Page - Renesas Technology Corp F1240 Datasheet HTML 27Page - Renesas Technology Corp F1240 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
© 2018 Integrated Device Technology, Inc.
24
September 11, 2018
F1240 Datasheet
Evaluation Kit Operation
Power Supply Setup
Set up a power supply in the voltage range of 4.75V to 5.25V with the power supply output disabled. The voltage can be applied via one of the
following connections (see Figure 47).
Directly to J8 connector
JP1 header connection (note the polarity of the GND pin on this connector)
Figure 47. Power Supply Connections
1
GND
VCC
Logic Control Setup
The Evaluation Board has the ability to control the F1240 in the Parallel or Serial Mode. The logic voltages can be applied through the J4
connector (see Figure 48). For both the parallel and serial mode see Table 14 for the connections.
Figure 48. Logic Connections
Pin 1
Pin 3
Pin 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com