Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FTK65T680F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK65T680F
Description  N-Channel Super Junction Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK65T680F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK65T680F Datasheet HTML 1Page - First Silicon Co., Ltd FTK65T680F Datasheet HTML 2Page - First Silicon Co., Ltd FTK65T680F Datasheet HTML 3Page - First Silicon Co., Ltd FTK65T680F Datasheet HTML 4Page - First Silicon Co., Ltd FTK65T680F Datasheet HTML 5Page - First Silicon Co., Ltd FTK65T680F Datasheet HTML 6Page - First Silicon Co., Ltd FTK65T680F Datasheet HTML 7Page - First Silicon Co., Ltd FTK65T680F Datasheet HTML 8Page - First Silicon Co., Ltd FTK65T680F Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Parameter
Symbol
Unit
Drain Source voltage slope, VDS ≤ 480 V,
dv/dt
50
V/ns
Reverse diode dv/dt,VDS ≤ 480 V,ISD<ID
dv/dt
15
V/ns
Operating Junction and Storage Temperature Range
TJ,TSTG
-55...+150
°C
* limited by maximum junction temperature
Table 2. Thermal Characteristic
Parameter
Symbol
Unit
Thermal Resistance Junction-to-Case (Maximum)
,
RthJC
2.08
3.98
°C /W
Thermal Resistance, Junction-to-Ambient (Maximum)
RthJA
62
80
°C /W
Table 3. Electrical Characteristics (TA=25°C unless otherwise noted)
Parameter
Symbol
Condition
Min Typ Max
Unit
On/off states
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
650
V
Zero Gate Voltage Drain Current(Tc=25°C)
IDSS
VDS=650V,VGS=0V
1
μA
Zero Gate Voltage Drain Current(Tc=125°C)
IDSS
VDS=650V,VGS=0V
100
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
±100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
3
4
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=3.5A
600
680
mΩ
Dynamic Characteristics
Input Capacitance
Clss
VDS=50V,VGS=0V,
F=1.0MHz
435
pF
Output Capacitance
Coss
28
pF
Reverse Transfer Capacitance
Crss
3.3
pF
Total Gate Charge
Qg
VDS=480V,ID=7A,
VGS=10V
11
nC
Gate-Source Charge
Qgs
3.5
nC
Gate-Drain Charge
Qgd
5
nC
Switching times
Turn-on Delay Time
td(on)
VDD=380V,ID=3.5A,
RG=4.7Ω,VGS=10V
8
nS
Turn-on Rise Time
tr
7
nS
Turn-Off Delay Time
td(off)
58
75
nS
Turn-Off Fall Time
tf
9
15
nS
Source- Drain Diode Characteristics
Source-drain current(Body Diode)
ISD
TC=25°C
7
A
Pulsed Source-drain current(Body Diode)
ISDM
28
A
Forward On Voltage
VSD
Tj=25°C,ISD=7A,VGS=0V
0.9
1.2
V
Reverse Recovery Time
trr
Tj=25°C,IF=3.5A,di/dt=100A/μs
210
nS
Reverse Recovery Charge
Qrr
0.85
uC
Peak Reverse Recovery Current
Irrm
8
A
Notes 1.Repetitive Rating: Pulse width limited by maximum junction temperature
2. Tj=25°C,VDD=50V,VG=10V, RG=25Ω
FTK65T680DD FTK65T680F
FTK65T680P
FTK65T680DD FTK65T680F
FTK65T680P
2019. 04. 02
2/9
Revision No : 0
FTK65T680DD/P/F



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com