Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FTK3443 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK3443
Description  P-Channel 20-V(D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3443 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK3443 Datasheet HTML 1Page - First Silicon Co., Ltd FTK3443 Datasheet HTML 2Page - First Silicon Co., Ltd FTK3443 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2013. 01. 22
1/3
SEMICONDUCTOR
TECHNICAL DATA
FTK3443
Revision No : 0
P-Channel 20-V(D-S) MOSFET
FEATURE
Fast Switching Speed
Low Gate Charge
High Performance Trench Technology for extremely Low RDS(on)
This P-Channel MOSFET is produced using advanced PowerTrench
process that has been especially tailored to minimize on-state resistance
and yet maintain low gate charge for superior switching performance.
These devices have been designed to offer exceptional power dissipation
In a very small footprint for applicationswhere the larger packages are impractical.
MARKING:
3
5
6
4
1
2
3
R43
DIM
MILLIMETERS
A
B
D
G
SOT-23-6L
2 92±0 1
1 6±0 1
2 8±0 15
0 4±0 1
0 1MAX
1 1±0 05
0 95
0 15±0 05
B1
H
C
T
G
1
3
2
B
B1
D
T
6
4
1 9±0 1
A1
5
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
n
i
a
r
D
DS
-20
Continuous Gate-Source Voltage
VGS
±8
V
I
t
n
e
r
r
u
C
n
i
a
r
D
s
u
o
u
n
i
t
n
o
C
D
A
4
-
Power Dissipation
PD
0.35
W
Thermal Resistance from Junction to Ambient
RθJA
357
℃/W
T
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
j
0
5
1
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
stg
-55 ~+150


Similar Part No. - FTK3443

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK3443S FS-FTK3443S Datasheet
463Kb / 5P
20V P-Channel Enhancement-Mode MOSFET
More results

Similar Description - FTK3443

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI3443CDV VISHAY-SI3443CDV Datasheet
145Kb / 7P
P-Channel 20-V (D-S) MOSFET
05-Nov-07
logo
Analog Power
AM2305PE ANALOGPOWER-AM2305PE Datasheet
346Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM2325P ANALOGPOWER-AM2325P Datasheet
133Kb / 6P
P-Channel 20-V (D-S) MOSFET
AM3405P ANALOGPOWER-AM3405P Datasheet
224Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM3441P ANALOGPOWER-AM3441P Datasheet
206Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM4463P ANALOGPOWER-AM4463P Datasheet
194Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM40P02-20D ANALOGPOWER-AM40P02-20D Datasheet
144Kb / 3P
P-Channel 20-V (D-S) MOSFET
AM50P02-16D ANALOGPOWER-AM50P02-16D Datasheet
145Kb / 3P
P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com