Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM1061 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM1061
Description  Low Power Voltage Detector
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1061 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM1061 Datasheet HTML 3Page - STMicroelectronics STM1061 Datasheet HTML 4Page - STMicroelectronics STM1061 Datasheet HTML 5Page - STMicroelectronics STM1061 Datasheet HTML 6Page - STMicroelectronics STM1061 Datasheet HTML 7Page - STMicroelectronics STM1061 Datasheet HTML 8Page - STMicroelectronics STM1061 Datasheet HTML 9Page - STMicroelectronics STM1061 Datasheet HTML 10Page - STMicroelectronics STM1061 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/21
STM1061
TYPICAL OPERATING CHARACTERISTICS
Figure 7. Supply Current vs. Input Voltage
Figure 8. Supply Current vs. Ambient Temperature
VCC (V)
AI11119b
0
200
400
600
800
1000
1200
1400
012
3456
Temp = –40
°C
Temp = 25
°C
Temp = 85
°C
Ambient Temperature (
°C)
AI11120b
0
250
500
750
1000
1250
-40
-20
0
20
40
60
80
VCC = 2V
VCC = 3V
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com