Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EAS Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # EAS
Description  Timers Delay on Operate Type EAS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

EAS Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  EAS Datasheet HTML 1Page - Carlo Gavazzi Holding AG EAS Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice (29.07.14)
EAS
Operation Diagram
Wiring Diagram
General Specifications
Power ON delay
≤ 100 ms
Power OFF delay
≥ 200 ms
Environment
Degree of protection
IP 20
Pollution degree
3
Operating temperature
-20° to +50°C (-4° to +122°F)
Storage temperature
-30° to +80°C (-22° to +176°F)
Weight
50 g
Housing
Dimensions
(screw connection)
22.5 x 56 x 49 mm
Max. screws tightening torque 0.5 Nm
Dimensions
(Fast-ON connection)
22.5 x 56 x 49 mm
Material
ABS
Approvals
UL, CSA
CE Marking
Yes
EMC
Electromagnetic
compatibility
Immunity
Acc. to IEC 60801-4
Acc. to IEC 60801-5
L
N
Dimensions
Power supply
EAS
22.5
47.4
15
4x 3.4
f
49
22.5
44
15
4x 3.4
f
SCREW
FAST-ON



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com