Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP39F511A Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 4 Page - Microchip Technology

  MCP39F511A Datasheet HTML 1Page - Microchip Technology MCP39F511A Datasheet HTML 2Page - Microchip Technology MCP39F511A Datasheet HTML 3Page - Microchip Technology MCP39F511A Datasheet HTML 4Page - Microchip Technology MCP39F511A Datasheet HTML 5Page - Microchip Technology MCP39F511A Datasheet HTML 6Page - Microchip Technology MCP39F511A Datasheet HTML 7Page - Microchip Technology MCP39F511A Datasheet HTML 8Page - Microchip Technology MCP39F511A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
MCP39F511A
DS20006044A-page 4
 2018 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
DVDD .................................................................. -0.3 to +4.5V
AVDD .................................................................. -0.3 to +4.0V
Digital inputs and outputs w.r.t. AGND...............-0.3V to +4.0V
Analog Inputs (I+,I-,V+,V-) w.r.t. AGND ...................-2V to +2V
VREF input w.r.t. AGND ........................ ....-0.6V to AVDD +0.6V
Maximum Current out of DGND pin..............................300 mA
Maximum Current into DVDD pin.................................250 mA
Maximum Output Current Sunk by Digital IO ................25 mA
Maximum Current Sourced by Digital IO.......................25 mA
Storage temperature .....................................-65°C to +150°C
Ambient temperature with power applied......-40°C to +125°C
Soldering temperature of leads (10 seconds) .............+300°C
ESD on the analog inputs (HBM,MM) .................4.0 kV, 200V
ESD on all other pins (HBM,MM) ........................4.0 kV, 200V
† Notice:
Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operation listings of this specification is
not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
1.1
Specifications
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, all parameters apply at AVDD, DVDD = +2.7 to +3.6V, TA = -40°C to +125°C,
MCLK = 4 MHz, PGA GAIN = 1.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Power Measurement
Active Power (Note 1)
P
—
±0.1
—
%
4000:1 Dynamic range on
current channel (Note 2)
Reactive Power (Note 1)
Q
—
±0.1
—
%
4000:1 Dynamic range on
current channel (Note 2)
Apparent Power (Note 1)
S
—
±0.1
—
%
4000:1 Dynamic range on
current channel (Note 2)
Current RMS (Note 1)
IRMS
—
±0.1
—
%
4000:1 Dynamic range on
current channel (Note 2)
Voltage RMS (Note 1)
VRMS
—
±0.1
—
%
4000:1 (DC mode),
20:1 (AC mode) Dynamic
range on voltage channel
(Note 2, 8)
Power Factor (Note 1)
—±0.1
—
%
Line Frequency (Note 1)
LF
—
±0.1
—
%
Calibration, Calculation and Event Detection Times
Auto-Calibration Time
tCAL
—
2N x(1/fLINE)
—ms
Note 3
Note
1:
Calculated from reading the register values with no averaging, single computation cycle with accumulation interval of 4
line cycles.
2:
Specification by design and characterization; not production tested.
3:
N = Value in the Accumulation Interval Parameter register. The default value of this register is 2 or TCAL =80 ms for
50 Hz line.
4:
Applies to Voltage Sag and Voltage Surge events only.
5:
Applies to all gains. Offset and gain errors depend on the PGA gain setting. See Section 2.0 “Typical Performance
Curves”
for typical performance.
6:
VIN =1.2 VPP =424 mVRMS @ 50/60 Hz. This parameter is established by characterization and is not 100% tested.
7:
Variation applies to internal clock and UART only. All calculated output quantities can be temperature compensated to
the performance listed in the respective specification.
8:
The internal ADC clock frequency is affected by the amplitude of the AC signal applied on the voltage channel,
decreasing the overall accuracy if the amplitude is low. In DC mode, the internal ADC clock frequency is constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com