Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT8697 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8697 Datasheet(HTML) 3 Page - Analog Devices

  LT8697 Datasheet HTML 1Page - Analog Devices LT8697 Datasheet HTML 2Page - Analog Devices LT8697 Datasheet HTML 3Page - Analog Devices LT8697 Datasheet HTML 4Page - Analog Devices LT8697 Datasheet HTML 5Page - Analog Devices LT8697 Datasheet HTML 6Page - Analog Devices LT8697 Datasheet HTML 7Page - Analog Devices LT8697 Datasheet HTML 8Page - Analog Devices LT8697 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
LT8698S/LT8698S-1
3
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Shutdown Current
VEN/UV = 0.25V, VIN = 12V
0.1
1
µA
VIN Current in Regulation
ILOAD = 0A, VSYNC/MODE = 0V, VIN = 12V (Note 4)
ILOAD = 0A, VSYNC/MODE = Open, VIN = 12V (Note 4)
l
l
2.5
23
4
36
mA
mA
VCHG
Regulator Output Voltage at
BUS/ISN
ILOAD = 0A, RCBL = 3.57k (Note 4)
ILOAD = 2.4A, RCBL = 3.57k (Note 4)
ILOAD = 0A, VUSB5V = 0V (Note 4)
l
l
l
4.925
5.52
5.93
5.00
5.61
6.05
5.063
5.680
6.13
V
V
V
USB5V Voltage
VIN = 5V to 42V
l
4.915
4.99
5.053
V
Upper FLT Threshold Offset
Percentage of VUSB5V, VUSB5V Falling
l
4
7
10
%
Lower FLT Threshold Offset
Percentage of VUSB5V, VUSB5V Rising
l
4
7
10
%
FLT Threshold Hysteresis
Percentage of VUSB5V
3
%
ICDP
Regulator Output Current Limit
VBUS/ISN = 4.5V, RSEN = 10mΩ
2.55
2.65
2.75
A
Latch-On Time in Current Limit
VBUS/ISN = 0.2V
3.4
4.2
5
ms
TSHTDWN_REC Latch-Off Time in Current Limit
VBUS/ISN = 0.2V
48
59
70
ms
Regulator Output Current STATUS
Threshold
IBUS/ISN Falling, RSEN = 10mΩ
20
100
180
mA
Regulator Output Current STATUS
Threshold Hysteresis
RSEN = 10mΩ
20
mA
Regulator Output Sink Current
VBUS/ISN = 6.3V (Note 4)
–2.9
–2.3
–1.7
A
RCBL Monitor Voltage
ILOAD = 0A, RSEN = 10mΩ
ILOAD = 2.4A, RSEN = 10mΩ
l
l
0
1.05
2
1.10
50
1.15
mV
V
Oscillator Frequency
RT = 9.09k
RT = 66.5k
RT = 5.76k
l
l
l
1.8
255
2.7
2
300
3
2.2
345
3.3
MHz
kHz
MHz
SYNC/MODE Low Threshold for
Pulse-Skip Operation
VSYNC/MODE Rising
l
0.3
0.7
1.1
V
SYNC/MODE Input High for Synced
Operation
l
1.5
V
SYNC/MODE Input Low for Synced
Operation
l
0.4
V
SYNC/MODE High Threshold for
Spread Spectrum Operation
VSYNC/MODE Rising
l
2.7
3.2
3.7
V
SYNC/MODE Pull Up Current for
Forced Continuous Operation
VSYNC/MODE = 2V
l
2
4.25
6.5
µA
Top Switch Max Current Limit
5
6
7
A
Top Switch On Resistance
ISW = 1A
75
Bottom Switch On Resistance
ISW = 1A
75
SW Leakage Current
–1
0
1
µA
EN/UV Threshold
VEN/UV Falling
l
1.17
1.31
1.45
V
EN/UV Threshold Hysteresis
150
mV
EN/UV Current
VEN/UV = 2V
–100
100
nA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com