Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MVR0806-431G Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MVR0806-431G
Description  Maximum allowable continuous DC voltage VDC 350.0 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MVR0806-431G Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MVR0806-431G Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MVR0806-431G Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MVR0806-431G Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MVR0806-431G Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd MVR0806-431G Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 Electrical Characteristics
1.1 Technical Data
Symbol
Value
Unit
Maximum allowable continuous AC voltage*1
VRMS
275.0
V
Maximum allowable continuous DC voltage
VDC
350.0
V
Varistor voltage Measured*2
VB
430(390-473)
V
Typical capacitance value measured*3
C
50
pF
Typical capacitance value tolerance
±40
%
Maximum clamping voltage measured*4
VC
710
V
Rated peak single pulse transient current at *5
I P
100
A
1.2 Reference Data
Response time
T rise
<1
ns
Leakage current at VDC (At initial state)
IL
<50
µΑ
Leakage current at VDC (After reliability Test)
ILA
<100
µΑ
Operating ambient temperature
-40~+85
Storage temperature
-40~+125
Reflow temperature profile(Recommend)
260
1.3 Other Data
Body
ZnO
End termination
Ag/Ni/Sn
Packaging
Bulk/Tape
Complies with Standard
IEC61000-4-5
Notes:
*1 AC voltage at 50~60Hz
*2 Varistor voltage
Measured at 1mA DC
*3 Capacitance
Measured at f=1MHz,Vrms=0.5V
*4 Maximum clamping voltage
Measured at 2A by 8/20µs Pulse
*5 Rated peak single pulse transient current
Measured by 8/20µs Pulse
Size:
Unit:mm
Type
Length(L) Width(W) High(H)
Termination(L1)
0806
2.20±0.20
1.70±0.20
1.80±0.20
0.25±0.10
L
W
H
L1
MVR0806-431G
Rev :
www.leiditech.com
01.06.2015
1/5


Similar Part No. - MVR0806-431G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MVR0806-241G LEIDITECH-MVR0806-241G Datasheet
615Kb / 5P
Maximum allowable continuous DC voltage VDC 200.0 V
More results

Similar Description - MVR0806-431G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MVR0603-360G LEIDITECH-MVR0603-360G Datasheet
617Kb / 5P
Maximum allowable continuous DC voltage VDC 28.0 V
MVR0603-420G LEIDITECH-MVR0603-420G Datasheet
526Kb / 5P
Maximum allowable continuous DC voltage VDC 33.0 V
MVR0805-270G LEIDITECH-MVR0805-270G Datasheet
562Kb / 5P
Maximum allowable continuous DC voltage VDC 22.0 V
MVR1812-431H LEIDITECH-MVR1812-431H Datasheet
931Kb / 5P
Maximum allowable continuous DC voltage VDC 350.0 V
MVR3220-271G LEIDITECH-MVR3220-271G Datasheet
918Kb / 5P
Maximum allowable continuous DC voltage VDC 225.0 V
MVR3220-271H LEIDITECH-MVR3220-271H Datasheet
919Kb / 5P
Maximum allowable continuous DC voltage VDC 225.0 V
MVR3220-431H LEIDITECH-MVR3220-431H Datasheet
914Kb / 5P
Maximum allowable continuous DC voltage VDC 350.0 V
MVR3220-431HG LEIDITECH-MVR3220-431HG Datasheet
915Kb / 5P
Maximum allowable continuous DC voltage VDC 350.0 V
MVR1210-600G LEIDITECH-MVR1210-600G Datasheet
1Mb / 5P
Maximum allowable continuous DC voltage VDC 48.0 V
MVR1210-820G LEIDITECH-MVR1210-820G Datasheet
989Kb / 5P
Maximum allowable continuous DC voltage VDC 65.0 V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com