Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XCSRC31MM12 Datasheet(PDF) 4 Page - Schneider Electric

Part # XCSRC31MM12
Description  RFID Safety switch-Standalone model-EDM Manual Start-2 new re-pairing enabled
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSRC31MM12 Datasheet(HTML) 4 Page - Schneider Electric

  XCSRC31MM12 Datasheet HTML 1Page - Schneider Electric XCSRC31MM12 Datasheet HTML 2Page - Schneider Electric XCSRC31MM12 Datasheet HTML 3Page - Schneider Electric XCSRC31MM12 Datasheet HTML 4Page - Schneider Electric XCSRC31MM12 Datasheet HTML 5Page - Schneider Electric XCSRC31MM12 Datasheet HTML 6Page - Schneider Electric XCSRC31MM12 Datasheet HTML 7Page - Schneider Electric XCSRC31MM12 Datasheet HTML 8Page - Schneider Electric XCSRC31MM12 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Product data sheet
Connections and Schema
XCSRC31MM12
Connections
M12 Connector, 8-pin
(1) + 24 VDC
(2) OSSD2
(3) 0 VDC
(4) OSSD1
(5) EDM_ST_1
(6) EDM_ST_2
(7) NC (Not connected)
(8) NC (Not connected)
Connections
Wiring Diagram
Cat. 4 / PL=e (EN/ISO 13849-1) / SIL3 (IEC 61508) / SILCL3 IEC 62061)
(1) Power Supply
(2) Reader
(3) Transponder
(4) 1 A max.
(5) Restart
(6) Use of arc suppressors for KM1 and KM2 is recommended.
(7) Power circuit
NOTE: KM1 and KM2 contactors must have force-guided contacts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com