Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PMLL4148L Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMLL4148L
Description  High-speed switching diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMLL4148L Datasheet(HTML) 2 Page - NXP Semiconductors

  PMLL4148L Datasheet HTML 1Page - NXP Semiconductors PMLL4148L Datasheet HTML 2Page - NXP Semiconductors PMLL4148L Datasheet HTML 3Page - NXP Semiconductors PMLL4148L Datasheet HTML 4Page - NXP Semiconductors PMLL4148L Datasheet HTML 5Page - NXP Semiconductors PMLL4148L Datasheet HTML 6Page - NXP Semiconductors PMLL4148L Datasheet HTML 7Page - NXP Semiconductors PMLL4148L Datasheet HTML 8Page - NXP Semiconductors PMLL4148L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
9397 750 14606
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 4 April 2005
2 of 11
Philips Semiconductors
PMLL4148L; PMLL4448
High-speed switching diodes
2.
Pinning information
[1]
The marking band indicates the cathode.
3.
Ordering information
4.
Marking
[1]
black: made in Philippines
brown: made in China
5.
Limiting values
Table 3:
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
ka
sym006
Table 4:
Ordering information
Type number
Package
Name
Description
Version
PMLL4148L
-
hermetically sealed glass surface mounted package;
2 connectors
SOD80C
PMLL4448
-
hermetically sealed glass surface mounted package;
2 connectors
SOD80C
Table 5:
Marking codes
Type number
Marking code [1]
PMLL4148L
marking band
PMLL4448
marking band
Table 6:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-
100
V
VR
reverse voltage
-
75
V
IF
forward current
[1] -
200
mA
IFRM
repetitive peak forward
current
-
450
mA
IFSM
non-repetitive peak forward
current
square wave
[2]
tp = 1 µs-
4
A
tp = 1 ms
-
1
A
tp = 1 s
-
0.5
A
Ptot
total power dissipation
Tamb = 25 °C
[1] -
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com