Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VADMI-140-N Datasheet(PDF) 1 Page - Festo Corporation.

Part # VADMI-140-N
Description  Vacuum generator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VADMI-140-N Datasheet(HTML) 1 Page - Festo Corporation.

  VADMI-140-N Datasheet HTML 1Page - Festo Corporation. VADMI-140-N Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Vacuum generator
VADMI-140-N
Part number: 162531
Data sheet
Feature
Value
Nominal width of Laval nozzle
1.4 mm
Width dimension
22 mm
Type code
VADMI
Muffler construction type
Closed
Mounting position
Any
Ejector characteristics
High vacuum
Grade of filtration
≤40 µm
Manual override
Non-detenting
Integrated function
Ejector pulse valve, electric
Flow control
Shut off valve, electric
Compressed air filter
Non-return valve
Vacuum switch
Measured variable
Relative pressure
Measuring principle
Piezoresistive
Switching element function
N/O contact
Switching function
Threshold value comparator
Symbol
00991306
Valve function
Closed
Reverse polarity protection
for all electrical connections
Display type
LED
Setting range threshold value
-0.9 bar ... 0 bar
Setting range hysteresis
-0.5 bar ... -0.05 bar
Setting options
Potentiometer
Switching status indication
Optical
Operating pressure
2 bar ... 8 bar
Max. vacuum
85 %
Nominal operating pressure
6 bar
Max. overload pressure
5 bar
Air supply time at nominal operating pressure
0.19 s
DC operating voltage range
21.6 V ... 26.4 V
Duty cycle
100%
Switching output
NPN
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication not possible
CE marking (see declaration of conformity)
As per EU EMC directive
3/11/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - VADMI-140-N

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VADMI-140-LS-N FESTO-VADMI-140-LS-N Datasheet
98Kb / 2P
Vacuum generator
VADMI-140-LS-P FESTO-VADMI-140-LS-P Datasheet
98Kb / 2P
Vacuum generator
VADMI-140-P FESTO-VADMI-140-P Datasheet
97Kb / 2P
VADMI-140-P
More results

Similar Description - VADMI-140-N

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VN-10-H-T3-PI4-VI4-RI4 FESTO-VN-10-H-T3-PI4-VI4-RI4 Datasheet
81Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VA5-RQ3 FESTO-VN-10-L-T4-PQ2-VA5-RQ3 Datasheet
85Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VQ2-O2-P FESTO-VN-10-L-T4-PQ2-VQ2-O2-P Datasheet
94Kb / 2P
Vacuum generator
VN-10-L-T4-PQ2-VQ3-RQ3 FESTO-VN-10-L-T4-PQ2-VQ3-RQ3 Datasheet
88Kb / 1P
Vacuum generator
VN-14-H-T4-PI4-VI5-RI5 FESTO-VN-14-H-T4-PI4-VI5-RI5 Datasheet
80Kb / 1P
Vacuum generator
VN-14-H-T4-PQ2-VQ3-RQ3 FESTO-VN-14-H-T4-PQ2-VQ3-RQ3 Datasheet
89Kb / 1P
Vacuum generator
VN-14-L-T4-PQ2-VQ3-RQ3 FESTO-VN-14-L-T4-PQ2-VQ3-RQ3 Datasheet
86Kb / 1P
Vacuum generator
VN-14-L-T4-PQ3-VQ3-RO2-A FESTO-VN-14-L-T4-PQ3-VQ3-RO2-A Datasheet
94Kb / 2P
Vacuum generator
VN-20-H-T6-PQ4-VA5-RO2 FESTO-VN-20-H-T6-PQ4-VA5-RO2 Datasheet
89Kb / 2P
Vacuum generator
VADMI-140 FESTO-VADMI-140 Datasheet
95Kb / 2P
Vacuum generator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com