Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBT4403 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # MMBT4403
Description  PNP Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

MMBT4403 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  MMBT4403 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. MMBT4403 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. MMBT4403 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. MMBT4403 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. MMBT4403 Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Unit
Conditions
Min
Max
Collector-Emitter Breakdown Voltage
V(BR)CEO
Collector-Base Breakdown Voltage
V(BR)CBO
Emitter-Base Breakdown Voltage
V(BR)EBO
Collector cut-off Current
ICBO
JINAN JINGHENG ELECTRONICS CO., LTD.
5-2
HTTP://WWW.JINGHENG.CN
ELECTRICAL CHARACTERISTICS(TA=25°C Unless otherwise specified)
V
V
V
nA
IC=-1mA,IB=0
---
IC=-100μA,IE=0
---
IE=-100μA,IC=0
-5.0
---
VCB=-35V,IE=0
---
-100
-40
-40
MMBT4403
AVAILABALE PACK INFORMATION
Product code
Quantity
(Pcs/reel)
Reel Size
(mm)
Quantity
(pcs/carton)
MMBT4403
3K
Φ180
30K
T/R
Pack
Quantity
(pcs/box)
120K
Parameter
Collector cut-off Current
ICEX
Emitter cut-off Current
IEBO
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
nA
nA
DC Current Gain
Current Gain-Bandwidth Product
Noise Figure
hFE(1)
VCE(sat)
VBE(sat)
fT
NF
V
V
MHZ
dB
VCE=-35V,VEB(off)= - 0. 4V
---
VEB=-1V,Ic=0
---
-100
IC=-20mA,VCE=-10V
IC=-1mA,VCE=-1V
60
IC=-10mA,VCE=-1V
100
IC=-150mA,IB=-15mA
---
IC=-500mA,IB=-50mA
---
-0.75
IC=-150mA,IB=-15mA
IC=-500mA,IB=-50mA
---
-1.30
f=100MHZ
200
---
VCE=5.0V,f=1.0KHZ,
IC=100μA, RS= 1. 0KΩ
---
IC=-0.1mA,VCE=-1V
30
300
-100
---
-0.40
hFE(2)
hFE(3)
hFE(4)
hFE(5)
IC=-500mA,VCE=-2V
IC=-150mA,VCE=-2V
---
100
---
20
---
Delay time
Rise time
Storage time
Fall time
td
tr
ts
tf
nS
nS
nS
nS
---
15
---
20
---
225
---
60
VCc=-30V,VBE(off)=-0.5V,
IC=-150mA, IB1= -15mA
VCc=-30V,IC=-150mA,
IB1= IB2= -15mA
---
-0.95
---



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com