Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMBTA56 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # MMBTA56
Description  PNP Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

MMBTA56 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  MMBTA56 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. MMBTA56 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. MMBTA56 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. MMBTA56 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. MMBTA56 Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMBTA56
PNP Plastic-Encapsulate Transistors
JINAN JINGHENG ELECTRONICS CO., LTD.
5-1
HTTP://WWW.JINGHENG.CN
R
S E M I C O N D U C T O R
SOT-23
B
C
E
FEATURES
MAXIMUM RATINGS(TA=25°C Unless otherwise specified)
C
B
E
MECHANICAL DATA
Case:SOT-23(TO-236)
Terminals:Plated solderable per MIL-STD-750,method 2026
Any
Mounting Position:
Symbol
Unit
Value
Collector-Emitter Voltage
VCEO
V
Collector-Base Voltage
VCBO
V
Emitter-Base Voltage
VEBO
V
Collector Current, Continuous
IC
mA
Collector Power Dissipation
PD
mW
Operation Junction Temperature
TJ
-55 to +150
Storage Temperature
TSTG
-55 to +150
Thermal resistance From junction to ambient
RØJA
℃/W
555
Parameter
-80
-4
-500
225
-80
Epoxy meets UL-94 V-0 flammability rating
Power Dissipation of 225mW
High Stability and High Reliability
Marking: 2GM
Complementary to MMBTA06


Similar Part No. - MMBTA56

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA56 ONSEMI-MMBTA56 Datasheet
58Kb / 4P
Driver Transistors(PNP Silicon)
March, 2004 ??Rev. 3
logo
Transys Electronics
MMBTA56 TRSYS-MMBTA56 Datasheet
140Kb / 1P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Samsung semiconductor
MMBTA56 SAMSUNG-MMBTA56 Datasheet
28Kb / 1P
PNP (DRIVER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA56 FAIRCHILD-MMBTA56 Datasheet
648Kb / 15P
PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBTA56 DIODES-MMBTA56 Datasheet
47Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30054 Rev. 4 - 2
More results

Similar Description - MMBTA56

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
2SB1132-P MCC-2SB1132-P_17 Datasheet
542Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com