Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FTK7002EN Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK7002EN
Description  Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7002EN Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK7002EN Datasheet HTML 1Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 2Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 3Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 4Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 100 A
30
V
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V, VDS = 30 V
1.0
A
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V, VDS = 20 V,
T = 85 °C
1.0
A
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±10 V
±
25
A
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±5 V
±
1.0
A
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±5 V
T = 85 °C
±
1.0
A
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 100 A
0.5
1.0
1.5
V
Drain−to−Source On Resistance
RDS(on)
VGS = 4.5 V, ID = 154 mA
1.4
7.0
VGS = 2.5 V, ID = 154 mA
2.3
7.5
Forward Transconductance
gFS
VDS = 3 V, ID = 154 mA
80
mS
CAPACITANCES
Input Capacitance
CISS
VDS = 5.0 V, f = 1 MHz,
VGS = 0 V
11.5
pF
Output Capacitance
COSS
10
Reverse Transfer Capacitance
CRSS
3.5
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDS = 5.0 V,
ID = 75 mA, RG = 10
13
ns
Rise Time
tr
15
ns
Turn−Off Delay Time
td(OFF)
98
Fall Time
tf
60
Drain−Source Diode Characteristics
Forward Diode Voltage
VSD
VGS = 0 V, IS = 0.154 mA
0.77
0.9
V
2. Pulse Test: pulse width
300 s, duty cycle
2%.
3. Switching characteristics are independent of operating junction temperatures.
2009. 10. 28
2/5
Revision No : 0
FTK7002EN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com