Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD1836A Datasheet(PDF) 9 Page - Analog Devices

Part # AD1836A
Description  Multichannel 96 kHz Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836A Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1836A Datasheet HTML 5Page - Analog Devices AD1836A Datasheet HTML 6Page - Analog Devices AD1836A Datasheet HTML 7Page - Analog Devices AD1836A Datasheet HTML 8Page - Analog Devices AD1836A Datasheet HTML 9Page - Analog Devices AD1836A Datasheet HTML 10Page - Analog Devices AD1836A Datasheet HTML 11Page - Analog Devices AD1836A Datasheet HTML 12Page - Analog Devices AD1836A Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD1836A
PIN CONFIGURATION AND PIN FUNCTIONAL DESCRIPTIONS
52 51 50 49 48
43 42 41 40
47 46 45 44
14 15 16 17 18 19 20 21 22 23 24 25 26
1
2
3
4
5
6
7
8
9
10
11
13
12
PIN 1
IDENTIFIER
39
38
37
36
35
34
33
32
31
30
29
28
27
AD1836A
DVDD
CDATA
PD/RST
OUTLP3
OUTLN3
OUTLP2
OUTLN2
OUTLP1
OUTLN1
AVDD
AGND
FILTD
FILTR
DGND
DSDATA1
DBCLK
DLRCLK
OUTRP3
OUTRN3
OUTRP2
OUTRN2
OUTRP1
OUTRN1
AGND
AGND
ADC2INRP/CAPR2
TOP VIEW
(Not to Scale)
Figure 2. 52-Lead MQFP
Table 10. Pin Function Descriptions—52-Lead MQFP
Pin No.
In/Out
Mnemonic
Description
1
I
DVDD
Digital Power Supply. Connect to digital 5 V supply.
2
I
CDATA
Serial Control Input.
3
I
PD/RST
Power-Down Reset (Active Low).
4
O
OUTLP3
DAC 3 Left Positive Output.
5
O
OUTLN3
DAC 3 Left Negative Output.
6
O
OUTLP2
DAC 2 Left Positive Output.
7
O
OUTLN2
DAC 2 Left Negative Output.
8
O
OUTLP1
DAC 1 Left Positive Output.
9
O
OUTLN1
DAC 1 Left Negative Output.
10
I
AVDD
Analog Power Supply. Connect to analog 5 V.
11
I
AGND
Analog Ground.
12
I
FILTD
Filter Capacitor Connection. Bypass with 10 µF||100 nF to AGND.
13
I
FILTR
Voltage Reference Filter Capacitor Connection. Bypass with 10 µF||100 nF to AGND.
14
I
AGND
Analog Ground.
15
I
AVDD
Analog Power Supply. Connect to analog 5 V supply.
16
I
ADC1INLP
ADC1 Left Positive Input.
17
I
ADC1INLN
ADC1 Left Negative Input.
18
I
ADC1INRP
ADC1 Right Positive Input.
19
I
ADC1INRN
ADC1 Right Negative Input.
20
I
ADC2INLP/CAPL2
ADC2 Left Positive Input (Direct Mode)/ADC2 Left Decoupling Cap (MUX/PGA and PGA Differential Mode).
21
I
ADC2INLN/CAPL1
ADC2 Left Negative Input (Direct Mode)/ADC2 Left Decoupling Capacitor
(MUX/PGA and PGA Differential Mode).
22
I
ADC2INL1
ADC2 Left Input 1 (MUX/PGA Mode)/Left Positive Input (PGA Differential Mode).
23
I
ADC2INL2
ADC2 Left Input 2 (MUX/PGA Mode)/Left Negative Input (PGA Differential Mode).
24
I
ADC2INR2
ADC2 Right Input 2 (MUX/PGA Mode)/Right Negative Input (PGA Differential Mode).
25
I
ADC2INR1
ADC2 Right Input 1 (MUX/PGA Mode)/Right Positive Input (PGA Differential Mode).
26
I
ADC2INRN/CAPR1
ADC2 Right Negative Input (Direct Mode)/ADC2 Right Decoupling Capacitor
(MUX/PGA and PGA Differential Mode).
Rev. 0 | Page 9 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com