Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TIP42C Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # TIP42C
Description  PNP Epitaxial Silicon Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

TIP42C Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  TIP42C Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. TIP42C Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. TIP42C Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. TIP42C Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. TIP42C Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd. TIP42C Datasheet HTML 6Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PNP Epitaxial Silicon Transistors
Symbol
Unit
Value
Collector-Emitter Voltage
VCEO
V
Collector-Base Voltage
VCBO
V
Emitter-Base Voltage
VEBO
V
Collector Current (DC)
IC
A
Power Dissipation
PD
W
Operation Junction T emperature
TJ
℃
-55 to +150
Storage T emperature
TSTG
℃
-55 to +150
JINAN JINGHENG ELECTRONICS CO., LTD.
6-1
HTTP://WWW.JINGHENG.CN
R
S E M I C O N D U C T O R
FEATURES
-100
C
B
E
MECHANICAL DATA
Case:
TO-220,ITO-220,TO-251,TO-252 Package
Terminals:Plated solderable per MIL-STD-750,method 2026
Mounting Position: Any
Parameter
-5.0
Low saturation voltage
High current output up to 3A
TO-220
1
2
3
ITO-220
1
2
3
TO-252
TO-251
1
2
3
1
2
3
1
2
3
Complementary to TIP41C
High Stability and High Reliability
-3
Tc=25°C
40
Table 2.Thermal Characteristics
Parameter
Symbol
Unit
Thermal resistance Junction to Case
RθJc
°C/W
3.5
Table1 Absolute Maximum Ratings (TC=25°C, unless otherwise specified)
Collector Current (Pulse)
Base Current (DC)
ICP
IB
A
A
-1
-5
TO-220/
TO-252/TO-251
ITO-220
4.5
TO-220/
TO-252/TO-251
ITO-220
27.8
TIP42C
-100


Similar Part No. - TIP42C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP42C MOSPEC-TIP42C Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
logo
Motorola, Inc
TIP42C MOTOROLA-TIP42C Datasheet
222Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP42C ONSEMI-TIP42C Datasheet
222Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
logo
Power Innovations Ltd
TIP42C POINN-TIP42C Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP42C STMICROELECTRONICS-TIP42C Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP42C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SB1197 MCC-2SB1197 Datasheet
70Kb / 2P
PNP Silicon Epitaxial Transistors
2SA1213-O MCC-2SA1213-O Datasheet
480Kb / 4P
PNP Silicon Epitaxial Transistors
2SB1386-P MCC-2SB1386-P Datasheet
376Kb / 4P
PNP Silicon Epitaxial Transistors
logo
ON Semiconductor
BCP53-16T1G ONSEMI-BCP53-16T1G Datasheet
141Kb / 5P
PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53T1G ONSEMI-BCP53T1G Datasheet
141Kb / 5P
PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53-16T3G ONSEMI-BCP53-16T3G Datasheet
100Kb / 5P
PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
SBCP53T1G ONSEMI-SBCP53T1G Datasheet
85Kb / 5P
PNP Silicon Epitaxial Transistors
September, 2013 ??Rev. 10
logo
Micro Commercial Compon...
2SA1464-P MCC-2SA1464-P Datasheet
627Kb / 4P
PNP Silicon Epitaxial Transistors
2SB1182-P MCC-2SB1182-P_13 Datasheet
509Kb / 4P
PNP Silicon Epitaxial Transistors
logo
FutureWafer Tech Co.,Lt...
BCP69 FUTUREWAFER-BCP69 Datasheet
1Mb / 9P
PNP Silicon Epitaxial Transistors
24-NOV-2021 V 2.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com