Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VSC8150 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC8150
Description  2.488Gb/s SONET/SDH Overhead Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8150 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC8150 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 3
10/12/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC8150
2.488Gb/s SONET/SDH
Overhead Monitor
G52186-0, Rev. 3.0
Table 1: Frame Detection Select Settings
Figure 2: Frame Detection Patterns
Loss of Signal
A Loss of Signal (LOS active high) input is provided to prevent noise from propagating into the overhead
output logic. Logic zeros will be clocked into the device when LOS is active high, and SEF will be immediately
synchronously asserted, with LOF appearing 3ms afterward. If RXSCLKIN+/- disappears before LOS is
asserted the part will freeze and SEF/LOF will never appear.
Loss of Frame
A Loss of Frame (LOF) defect is declared (RXLOF active high) when a Severely Errored Frame (SEF)
condition persists for 3ms (R6-59). The LOF state detection is based on an integrating timer to prevent sporadic
errors from not asserting LOF, such as a periodic 1ms error. In the event of sporadic errors, the out of frame
timer increments when RXSEF = 1. It is on hold when RXSEF = 0 and does not change state as long as this
condition lasts for < 3 ms. The out of frame timer is reset to it’s initial state if the RXSEF is low for > 3 ms, and
an LOF defect is cancelled after an in-frame condition (RXSEF low) persists for a total of 3ms (R6-61).
Multiple SONET/SDH Rate Functionality
The VSC8150 supports three SONET/SDH rates: STS-48/STM-16, STS-12/STM-4, and STS-3/STM-1.
The user is responsible for rate-provisioning the device by setting the two inputs RATESEL[1:0] (See Table 2).
The device requires a clock rate appropriate to the selected data rate in order for internal circuitry to function
correctly. LOF integration timing is 3ms regardless of the rate selected.
Function
SELFRDET1
SELFRDET0
24 bits
1
0
48 bits
0
1
12 bits
0
0
Frame detection disabled
1
1
A1 (0xF6)
A1 (0xF6)
A1 (0xF6)
A2 (0x28)
A2 (0x28)
A2 (0x28)
48 bits
24 bits
12 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com