Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TYN610 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # TYN610
Description  Silicon Planar PNPN Thyristor (10A SCR)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

TYN610 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  TYN610 Datasheet HTML 1Page - First Silicon Co., Ltd TYN610 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
TYN610
2016. 02. 06
1/2
Revision No : 0
Silicon Planar PNPN Thyristor (10A SCR)
MAIN FEATURES
Symbol
value
unit
IT(RMS)
10
A
VDRM/VRRM
600
V
ITSM
100
A
GENERAL DESCRIPTION
.Glass passivated triacs in a plastic envelope ,
intended for use in applications requiring
high bidirectional transient andblocking
voltage capability and high thermal cycling performance.
.Typical applications include motor control,
industrial and domestic lighting , heating and static switching.
ABSOLUTE MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
e
u
l
a
v
r
e
t
e
m
a
r
a
p
l
o
b
m
y
s
unit
IT(RMS)
RMS on-state current (full sine wave)
D
2 PAK/TO-220
TC=107
℃
10
A
t=10ms
100
ITSM
Non repetitive surge peak on-state current (full sine wave, Tj =25
℃)
t=8.3ms
110
A
IGM
Peak gate current
4
A
PG(AV)
Average gate power dissipation
Tj=125
℃
0.5
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
-40 to +150
-40 to +125
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Rated repetitive peak off-state/reverse voltage
VDRM,VRRM
ID=10
μA
600
V
Rated repetitive peak off-state current
IDRM, IRRM
VD=6
V
0
2
10
μA
On-state voltage
VTM
IT=23A
1.75
V
15
mA
Gate trigger current
IGT
VD=12V
RL=100
Ω
1.45
V
Gate trigger voltage
VGT
VD=12V
RL=100
Ω
Holding current
IH
IT =100mA IG=20mA
20
mA
TO-220
2. ANODE
3. GATE
1. KATHODE
1
2
3
=0.1A
I T
=0.1A
I T
1.4


Similar Part No. - TYN610

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN610 STMICROELECTRONICS-TYN610 Datasheet
229Kb / 4P
SCR
Sep-2001
TYN610 STMICROELECTRONICS-TYN610 Datasheet
58Kb / 4P
SCR
Mar-1995
TYN610 STMICROELECTRONICS-TYN610 Datasheet
63Kb / 6P
10A SCR
13-Feb-2006
logo
Tiger Electronic Co.,Lt...
TYN610 TGS-TYN610 Datasheet
90Kb / 1P
Glass passivated thyristors in a plastic envelope
logo
Kersemi Electronic Co.,...
TYN610 KERSEMI-TYN610 Datasheet
487Kb / 4P
SCR
More results

Similar Description - TYN610

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
PCR0.6 JIANGSU-PCR0.6 Datasheet
525Kb / 3P
Silicon Planar PNPN Thyristor
logo
First Silicon Co., Ltd
C106B FS-C106B Datasheet
516Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
C106DB FS-C106DB Datasheet
511Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
C106M-Z FS-C106M-Z Datasheet
558Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
MCR100-8S FS-MCR100-8S Datasheet
424Kb / 3P
Silicon Planar PNPN Thyristor
TYN610F FS-TYN610F Datasheet
316Kb / 2P
Silicon Planar PNPN Thyristor (10A SCR)
CP10C60 FS-CP10C60 Datasheet
316Kb / 2P
Silicon Planar PNPN Thyristor (12A SCR)
TYNA616 FS-TYNA616 Datasheet
142Kb / 3P
Silicon Planar PNPN Thyristor (16A SCR)
MCR703A FS-MCR703A Datasheet
550Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
2022. 03. 29 Revision No : 0
MCRP8PA-6V FS-MCRP8PA-6V Datasheet
276Kb / 4P
Silicon Planar PNPN Thyristor (0.8A SCR)
2022. 04. 06 Revision No : 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com