Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPR-480-XS Datasheet(PDF) 4 Page - Toppower Electronic Technology Limited

Part # TPR-480-XS
Description  480W AC-DC DIN RAIL Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPR-480-XS Datasheet(HTML) 4 Page - Toppower Electronic Technology Limited

  TPR-480-XS Datasheet HTML 1Page - Toppower Electronic Technology Limited TPR-480-XS Datasheet HTML 2Page - Toppower Electronic Technology Limited TPR-480-XS Datasheet HTML 3Page - Toppower Electronic Technology Limited TPR-480-XS Datasheet HTML 4Page - Toppower Electronic Technology Limited TPR-480-XS Datasheet HTML 5Page - Toppower Electronic Technology Limited TPR-480-XS Datasheet HTML 6Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TPR/SDR-480-XS Series
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
Page 4 / 6
CHARACTERISTICS CURVE
24V
36V
4 8V
TOPPOWER



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com