Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M2LMS Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M2LMS
Description  Super-mini Signal Conditioners Mini-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2LMS Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M2LMS Datasheet HTML 1Page - M-System Co.,Ltd. M2LMS Datasheet HTML 2Page - M-System Co.,Ltd. M2LMS Datasheet HTML 3Page - M-System Co.,Ltd. M2LMS Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: M2LMS
M2LMS SPECIFICATIONS
ES-5048 Rev.11 Page 3/4
http://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581
Approval:
UL/C-UL nonincendive Class I, Division 2,
Groups A, B, C, and D
(ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213)
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.61010-1)
FRONT VIEW
(C) High/Low Limit Selector
The front cover cannot be turned open by 180 deg.
when there is no extra space between units.
(A) Polarity Indicator LED
(B) High/Low Limit Display
(E) Zero Adj.
(F) Span Adj.
(D) UP/DOWN Control
Top: High Limit
Bottom: Low Limit
• How to Set High Limit
Turn the High/Low Limit Selector (C) to the top.
The High/Low Limit Display (B) shows the current high limit
(-10.0 – +105 %). Press UP/DOWN Control (D) until the
display shows a desired set value.
The Polarity Indicator LED (A) is red when the set value is in
positive range, green when in negative range.
The high limit is factory set to 100 %.
• How to Set Low Limit
Turn the High/Low Limit Selector (C) to the bottom.
The High/Low Limit Display (B) shows the current low limit
(-10.0 – +105 %). Press UP/DOWN Control (D) until the
display shows a desired set value.
The Polarity Indicator LED (A) is red when the set value is in
positive range, green when in negative range.
The low limit is factory set to 0 %.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com