Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GS12341 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS12341
Description  12G UHD-SDI Reclocking Adaptive Cable Equalizer
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12341 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS12341 Datasheet HTML 9Page - Semtech Corporation GS12341 Datasheet HTML 10Page - Semtech Corporation GS12341 Datasheet HTML 11Page - Semtech Corporation GS12341 Datasheet HTML 12Page - Semtech Corporation GS12341 Datasheet HTML 13Page - Semtech Corporation GS12341 Datasheet HTML 14Page - Semtech Corporation GS12341 Datasheet HTML 15Page - Semtech Corporation GS12341 Datasheet HTML 16Page - Semtech Corporation GS12341 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
GS12341
Final Data Sheet
Rev.1
PDS-061928
August 2019
13 of 109
Semtech
Proprietary & Confidential
www.semtech.com
PLL Loop Bandwidth
BWLOOP(125Mb/s)
Setting 0.0625x
—
10
—
kHz
7
Setting 0.125x
—
20
—
kHz
7
Setting 0.25x
—
38
—
kHz
7
Setting 0.5x (Default)
—
76
—
kHz
7
Setting 1.0x
—
150
—
kHz
7
BWLOOP(270Mb/s)
Setting 0.0625x
—
20
—
kHz
7
Setting 0.125x
—
40
—
kHz
7
Setting 0.25x
—
80
—
kHz
7
Setting 0.5x
—
160
—
kHz
7
Setting 1.0x (Default)
—
316
—
kHz
7
BWLOOP(1.485Gb/s)
Setting 0.0625x
—
110
—
kHz
7
Setting 0.125x
—
220
—
kHz
7
Setting 0.25x
—
440
—
kHz
7
Setting 0.5x (Default)
—
876
—
kHz
7
Setting 1.0x
—
1750
—
kHz
7
BWLOOP(2.97Gb/s)
Setting 0.0625x
—
220
—
kHz
7
Setting 0.125x
—
440
—
kHz
7
Setting 0.25x
—
880
—
kHz
7
Setting 0.5x (Default)
—
1.76
—
MHz
7
Setting 1.0x
—
3.5
—
MHz
7
BWLOOP(5.94Gb/s)
Setting 0.0625x
—
440
—
kHz
7
Setting 0.125x
—
880
—
kHz
7
Setting 0.25x
—
1.76
—
MHz
7
Setting 0.5x (Default)
—
3.5
—
MHz
7
Setting 1.0x
—
7
—
MHz
7
BWLOOP(11.88Gb/s)
Setting 0.0625x
—
880
—
kHz
7
Setting 0.125x
—
1.76
—
MHz
7
Setting 0.25x
—
3.5
—
MHz
7
Setting 0.5x (Default)
—
7
—
MHz
7
Setting 1.0x
—
14
—
MHz
7
Table Notes:
1. Values achieved with Semtech evaluation board and connector.
2. Measured using a clean input source.
3. Default value for CFG_EQ_INPUT_LAUNCH_SWING_COMP parameter in control register 0x18. The default parameter value is 80d (50h).
4. Default trace driver swing Setting.
5. Please see 4.3.3.1 for the further definition on Synchronous and Asynchronous Lock Time.
6. This specification applies to and DDO1/DDO1 and DDO0/DDO0.
7. Please see PLL_LOOP_ BANDWIDTH_ 0 for the full range of loop bandwidth settings.
8. Output Driver Setting of 8.
9. Output Driver Setting of 36.
10. Max jitter occurs at the maximum cable length.
11. Rise/fall time was measured between 80% and 20%.
12. The rise/fall time of signals at source should not be more than 62ns.
Table 2-3: AC Electrical Characteristics (Continued)
VCC_SDI, VCC_CORE, VDD = 1.8V ±5% and VCCO_0, VCCO_1 = +1.2/1.8/2.5V ±5%, TA = -40°C to +85°C, unless otherwise shown.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com