Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PL123-05SC-R Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # PL123-05SC-R
Description  Low Skew Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL123-05SC-R Datasheet(HTML) 5 Page - Micrel Semiconductor

  PL123-05SC-R Datasheet HTML 1Page - Micrel Semiconductor PL123-05SC-R Datasheet HTML 2Page - Micrel Semiconductor PL123-05SC-R Datasheet HTML 3Page - Micrel Semiconductor PL123-05SC-R Datasheet HTML 4Page - Micrel Semiconductor PL123-05SC-R Datasheet HTML 5Page - Micrel Semiconductor PL123-05SC-R Datasheet HTML 6Page - Micrel Semiconductor PL123-05SC-R Datasheet HTML 7Page - Micrel Semiconductor PL123-05SC-R Datasheet HTML 8Page - Micrel Semiconductor PL123-05SC-R Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PL123-05/-09
Low Skew Zero Delay Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 4/22/13
Page 5
SWITCHING CHARACTERISTICS
[5]
Parameter Name
Test Conditions
Min.
Typ.
Max.
Unit
t1
Output Frequency
30-pF load
10
–
100
MHz
10-pF load
10
–
134
MHz
Duty Cycle [4] = t2 ÷ t1
Measured at 1.4V, FOUT = 66.67MHz
40
50
60
%
Duty Cycle [4] = t2 ÷ t1
Measured at 1.4V, FOUT <50MHz
45
50
55
%
t3
Rise Time [4]
Measured between 0.8V and 2.0V
–
–
2.5
ns
Rise Time [4] (High Drive)
Measured between 0.8V and 2.0V
–
–
1.5
ns
t4
Fall Time [4]
Measured between 0.8V and 2.0V
–
–
2.5
ns
Fall Time [4] (High Drive)
Measured between 0.8V and 2.0V
–
–
1.5
ns
t5
Output to Output Skew
All outputs equally loaded
–
–
250
ps
t6A
Delay, REF Rising Edge to
CLKOUT Rising Edge [4]
Measured at VDD/2
–
0
±350
ps
t6B
Delay, REF Rising Edge to
CLKOUT Rising Edge [4]
Measured at VDD/2. Measured in PLL bypass
mode, PL123-09 only.
1
5
8.5
ns
t7
Device to Device Skew [4]
Measured at VDD/2 on the CLKOUT pin
–
0
700
ps
t8
Output Slew Rate [4]
Measured between 0.8V and 2.0V using Test
Circuit #2
1
–
–
V/ns
tJ
Cycle to Cycle Jitter [4]
Measured at 66.67 MHz, loaded outputs
–
75
200
ps
tLOCK
PLL Lock Time [4]
Stable power supply, valid clock presented on
REF pin
–
–
1
ms
Notes:
4. Parameter is guaranteed by design and characterization. Not 100% tested in production.
5. All parameters are specified with loaded outputs.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com