Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3085EPA Datasheet(PDF) 9 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3085EPA
Description  5V power supply, half duplex
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3085EPA Datasheet(HTML) 9 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LM3085EPA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085EPA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085EPA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085EPA Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085EPA Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085EPA Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085EPA Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085EPA Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085EPA Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
具有±16KV ESD 保护,1Mbps 通迅速率,256 节点 RS485/RS422 收发器
5V 供电 半双工,
Rev :
www.leiditech.com
01.06.2018
9/12
LM3085EPA
RS-485(母座)
SOT-23
FUSE
FUSE
GDT
SM712
Vcc
RS485 Chip
RS485接口典型保护案例,采用:SM712,封装:SOT-23,特性:30KV静电测试



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com