Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADAV803 Datasheet(PDF) 9 Page - Analog Devices

Part # ADAV803
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADAV803 Datasheet HTML 5Page - Analog Devices ADAV803 Datasheet HTML 6Page - Analog Devices ADAV803 Datasheet HTML 7Page - Analog Devices ADAV803 Datasheet HTML 8Page - Analog Devices ADAV803 Datasheet HTML 9Page - Analog Devices ADAV803 Datasheet HTML 10Page - Analog Devices ADAV803 Datasheet HTML 11Page - Analog Devices ADAV803 Datasheet HTML 12Page - Analog Devices ADAV803 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
ADAV803
Rev. 0 | Page 9 of 56
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ZEROL/INT
ZEROR
DVDD
DGND
ADVDD
ADGND
PLL_LF2
PLL_LF1
PLL_GND
PLL_VDD
DGND
SYSCLK1
SYSCLK2
SYSCLK3
XIN
XOUT
39
38
37
41
40
MCLKO
MCLKI
DVDD
DGND
36
35
34
33
42
43
44
45
46
47
48
17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
64 63 62 61 60 59 58
VINR
VINL
AGND
AVDD
DIR_LF
DIR_GND
DIR_VDD
RESET
AD0
SDA
SCL
AD1
13
14
15
16
25 26 27
31
30
29
28
32
57 56 55 54 53 52 51 50 49
ADAV803
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NC = NO CONNECT
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin
No.
Mnemonic
I/O
Description
1
VINR
I
Analog Audio Input, Right Channel.
2
VINL
I
Analog Audio Input, Left Channel.
3
AGND
Analog Ground.
4
AVDD
Analog Voltage Supply.
5
DIR_LF
DIR Phase-Locked Loop (PLL) Filter Pin.
6
DIR_GND
Supply Ground for DIR Analog Section. This pin should be connected to AGND.
7
DIR_VDD
Supply for DIR Analog Section. This pin should be connected to AVDD.
8
RESET
I
Asychronous Reset Input (Active Low).
9
AD0
I
I2C Address LSB.
10
SDA
I/O
Data Input/Output of I2C-Compatible Control Interface.
11
SCL
I
Clock Input of I2C Compatible Control Interface.
12
AD1
I
I2C Address MSB.
13
ZEROL/INT
O
Left Channel (Output) Zero Flag or Interrupt (Output) Flag. The function of this pin is determined by the
INTRPT pin in DAC Control Register 4.
14
ZEROR
O
Right Channel (Output) Zero Flag.
15
DVDD
Digital Voltage Supply.
16
DGND
Digital Ground.
17
ILRCLK
I/O
Sampling Clock (LRCLK) of Playback Digital Input Port.
18
IBCLK
I/O
Serial Clock (BCLK) of Playback Digital Input Port.
19
ISDATA
I
Data Input of Playback Digital Input Port.
20
OLRCLK
I/O
Sampling Clock (LRCLK) of Record Digital Output Port.
21
OBCLK
I/O
Serial Clock (BCLK) of Record Digital Output Port.
22
OSDATA
O
Data Output of Record Digital Output Port.
23
DIRIN
I
Input to Digital Input Receiver (S/PDIF).
24
ODVDD
Interface Digital Voltage Supply.
25
ODGND
Interface Digital Ground.
26
DITOUT
O
S/PDIF Output from DIT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com