Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SWG6J2 Datasheet(PDF) 2 Page - Suntsu Electronics, Inc.

Part # SWG6J2
Description  Gull-Wing SMT Watch Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SWG6J2 Datasheet(HTML) 2 Page - Suntsu Electronics, Inc.

  SWG6J2 Datasheet HTML 1Page - Suntsu Electronics, Inc. SWG6J2 Datasheet HTML 2Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SWG6J2 Series
Gull-Wing SMT Watch Crystal
6.3mm x 2.5mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
Mechanical Shock
Vibration
MIL-STD-202, Method 213, Condition B
MIL-STD-883, Method 2007, Condition A
MIL-STD-883, Method 1010, Condition B
MIL-STD-883, Method 1014, Condition A
Resistance to Soldering Heat
MIL-STD-202, Method 210, Condition B
MIL-STD-883, Method 1014, Condition C
Resistance to Solvents
MIL-STD-202, Method 215
MIL-STD-883, Method 1004
Solderability
MIL-STD-883, Method 2003
Hermetically Sealed, MSL=N/A: Not Applicable
Temperature Cycling
Fine Leak Test
Gross Leak Test
Moisture Resistance
Moisture Sensitivity
Tp (Time At 260°C. 20-40 Sec)
TI (Time Above 217°C.
60-150Sec)
Ts (Preheat Time.
60-180Sec)
T 25°C to Peak (480Sec Max)
Rup (Ramp Up, 3°C/Sec Max)
Rdn (Ramp Down,
6°C/Sec Max)
260
217
200
150
Time (sec)
Reflow Profile & Part Marking
All dimensions are in millimeters (mm) unless otherwise noted. Drawings are not to scale.
Tape And Reel Dimensions
2,000pcs / Reel
Enviromental Specifications
Mechcanical Specifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com