Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M2XV2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M2XV2
Description  Super-mini Signal Conditioners Mini-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XV2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M2XV2 Datasheet HTML 1Page - M-System Co.,Ltd. M2XV2 Datasheet HTML 2Page - M-System Co.,Ltd. M2XV2 Datasheet HTML 3Page - M-System Co.,Ltd. M2XV2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: M2XV2
M2XV2 SPECIFICATIONS
ES-5081 Rev.9 Page 1/4
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
SIGNAL TRANSMITTER
(PC programmable)
Functions & Features
• Converts DC input from a sensor into a standard process
signal
• PC programmable
Typical Applications
• Isolation between control room and field instrumentation
• Ideal for quick spare part
Model
23 (.91)
76
(2.99)
mm (inch)
124
(4.88)
MODEL: M2XV2–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: M2XV2-[1][2]-[3][4]
Specify a code from below for each [1] through [4].
(e.g. M2XV2-S2Z1-R/CE/Q)
• Input range (e.g. 1 – 5 V DC)
• Output range (e.g. 4 – 20 mA DC)
Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
Z1: Range 0 – 50 mA DC (Input resistance 100 Ω)
Voltage
S1: Range -1 – +1 V DC (Input resistance 1 MΩ min.)
S2: Range -10 – +10 V DC (Input resistance 1 MΩ min.)
(Configurator software is used to change input over the
described range of the selected suffix code. For changing
out of this range (between S1 and S2), set the Input Range
Selector on the side of unit before software adjustment.
For a current input, set the Selector to the same setting as
for S2 and use a receiving resistor.)
[2] OUTPUT
Current
Z1: Range 0 – 20 mA DC
Voltage
V1: Range -2.5 – +2.5 V DC
V2: Range -10 – +10 V DC
(Configurator software is used to change output over the
described range of the selected suffix code. For changing
out of this range, set the Output Range Selectors inside the
unit before software adjustment.)
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
(90 – 264 V for UL)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
(110 V ±10 % for UL)
[4] OPTIONS (multiple selections)
Standards & Approvals (must be specified)
/N: Without CE or UL
/CE: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating (UL not available)
TERMINAL SCREW MATERIAL
/S01: Stainless steel (UL not available)
RELATED PRODUCTS
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.


Similar Part No. - M2XV2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2XF2 MSYSTEM-M2XF2 Datasheet
121Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XF2-S1V1-M2 MSYSTEM-M2XF2-S1V1-M2 Datasheet
121Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XF2-S1V1-M2/CE MSYSTEM-M2XF2-S1V1-M2/CE Datasheet
121Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XF2-S1V1-M2/Q MSYSTEM-M2XF2-S1V1-M2/Q Datasheet
121Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XF2-S1V1-M2/UL MSYSTEM-M2XF2-S1V1-M2/UL Datasheet
121Kb / 5P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - M2XV2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
M2UDS2 MSYSTEM-M2UDS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com