Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M3LLC Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M3LLC
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LLC Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M3LLC Datasheet HTML 1Page - M-System Co.,Ltd. M3LLC Datasheet HTML 2Page - M-System Co.,Ltd. M3LLC Datasheet HTML 3Page - M-System Co.,Ltd. M3LLC Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: M3LLC
M3LLC SPECIFICATIONS
ES-2654 Rev.18 Page 2/4
http://www.m-system.co.jp/
Isolation: Input to output to power
Overrange output: -15 to +115 %
Zero adjustment: -15 to +15 % (front)
Span adjustment: 85 to 115 % (front)
Status indicator LED: Tri-color (green/amber/red) LED;
Blinking patterns indicate operation status of the
transmitter.
Configuration
PC configurator:
Programmable features include:
• Input range and output type and range
• Zero and span adjustments
(Refer to the instruction manual)
‘One-Step Cal’ calibration: With I/O type and the full-scale
range configured via the internal DIP switches, precise 0 %
and 100 % ranges are calibrated via the front control
buttons with a help of LED. Also I/O calibration and fine
adjustment are available with a PC.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
INPUT SPECIFICATIONS
■ Strain Gauge Input
• Strain Gauge
Rated output from strain gauge:
• S1: Volt. range -10.0 – +10.0 mV, span 1.0 – 10.0 mV
• S2: Volt. range -30.0 – +30.0 mV, span 3.0 – 30.0 mV
• S3: Volt. range -99.9 – +99.9 mV, span 10.0 – 99.9 mV
• S4: Volt. range -300.0 – +300.0 mV, span 30.0 – 300.0 mV
Consult factory for use with a compression/tension load
cells.
• Excitation: 0.1 – 10.0 V adjustable (0.1 V increments)
Maximum current: 30mA
■ Contact Input: TTL level (5V-CMOS level), open collector
or dry contact (detecting voltage: approx. 5 V, saturation
voltage: ≤ 1 V, sink current: 0.5 mA)
OUTPUT SPECIFICATIONS
■ DC Current
Maximum range: 0 – 20 mA DC
Minimum span: 1 mA
(Add 0.1 % to accuracy with output span 2 mA or less.)
Conformance range: 0 – 20 mA DC
(Negative overrange current below 0 mA is not available.)
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 12 V maximum
■ DC Voltage
Narrow Spans (mV)
Maximum range: -2.5 – +2.5 V DC
Minimum span: 500 mV
Conformance range: -3 – +3 V DC
Wide Spans (V)
Maximum range: -10 – +10 V DC
Minimum span: 0.5 V
Conformance range: -11.5 – +11.5 V DC
(Overrange voltage below -11.5 V is not available.)
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 10 mA maximum; 5 mA for
negative output
INSTALLATION
Power consumption
•DC: Approx. 5 W
Operating temperature: -25 to +65°C (-13 to +149°F)
Max. 55°C (131°F) for UL approval
Operating humidity: 0 to 95 %RH (non-condensing)
Mounting: DIN rail
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Accuracy: Input + output
Input: ±0.1 %
Output: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of max.
range at -5 to +55°C [23 to 131°F];
±0.03 %/°C (±0.02 %/°F) at <-5°C, >+55°C
Response time: ≤10 msec. (0 – 90 %)
Excitation: Set value ±250 mV
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input to output or power to ground)
500 V AC @ 1 minute (output to power)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
Approval:
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.1010-1)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com