Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RX8804CE Datasheet(PDF) 1 Page - Epson Company

Part # RX8804CE
Description  REAL TIME CLOCK MODULE (I2C-Bus) Built-in 32.768 kHz-DTCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

RX8804CE Datasheet(HTML) 1 Page - Epson Company

  RX8804CE Datasheet HTML 1Page - Epson Company RX8804CE Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
Real time clock module
Block diagram
Overview
INTERRUPTS
CONTROLLER
ALARM REGISTER
/ INT
BUS
INTERFACE
CIRCUIT
( 32.768 kHz )
CONTROL
REGISTER
DIVIDER
CLOCK
POWER
CONTROLLER
and
SDA
VDD
SCL
CALENDR
TIMER REGISTER
DTCXO
CONTROLLER
FOUT
FOUT
FOE
CONTROLLER
SOUT
SOUT
CONTROLLER
EVENT DETECTION
EVIN
CAPTURE
BUFFER
VDD
SYSTEM
CONTROLLER
Stability
• XA
± 3.4 x 10-6 / -40 ºC to +85 ºC
± 8.0 x 10-6 / +85 ºC to +105 ºC
• XB
± 5.0 x 10-6 / -40 ºC to +85 ºC
± 8.0 x 10-6 / +85 ºC to +105 ºC
32.768 kHz frequency output function
• FOUT pin output (C-MOS output), CL=30 pF
• Output selectable: 32.768 kHz, 1024 Hz, 1 Hz
•Event detection function
 When trigger input to EVIN-pin or specified by program, time and date
is recorded. The EVIN-pin with pull-up resistor that is releasable.
•Timer function
 Timer source clock are 1min., 1sec., 64Hz, 4096Hz.
 24-bit-presettable counter (244us to about 32years.)
•Alarm function
Alarm function can be set to day of week, day, hour, and minute.
•Internal state output function
 SOUT pin output (C-MOS output),
 It outputs selected flag-bit value or specified value(H or L).
Pin Function
Terminal connection
/External dimensions
(Unit:mm)
T
Specifications (characteristics)
 Refer to application manual for details.
REAL TIME CLOCK MODULE (I2C-Bus)
Built-in 32.768 kHz-DTCXO
RX 8804CE
•Built in frequency adjusted 32.768 kHz crystal unit and DTCXO.
•Interface Type
: I2C-Bus interface (400kHz)
•Interface voltage range
: 1.6 V to 5.5 V
•Temp. compensated voltage range
: 1.5 V to 5.5 V
•Timekeeping voltage range
: 1.5 V to 5.5 V
•Selectable clock output (32.768 kHz, 1024 Hz, 1 Hz)
•The various functions full calendar, alarm, timer, event detection.
•The time-stamp synchronizing to the event detection of EVIN-pin.
• The SOUT-pin outputs that selected flag bit value.
• Applications : handy equipment. an outdoor unit. an industrial machine.
*The I
2C-BUS is a trademark of NXP Semiconductors.
Signal Name
I / O
Function
SOUT
Output
Internal state output pin.
SCL
Input
Serial clock input pin.
FOUT
Output
The pin outputs the reference clock signal.
( CMOS output )
EVIN
Input
Event input pin
VDD
-
Connected to a positive power supply
FOE
Input
The input pin for the FOUT output control.
/ INT
Output
Interrupt output (N-ch. open drain).
GND
-
Connected to a ground
T2
-
Use only for testing in the factory.
( Do not connect externally.)
SDA
I/O
Data input and output pin.
Product Number (Please contact us)
RX8804CE : X1B000371xxxx00
RX8804CE
(3.2 × 2.5 × 1.0 mm)
RX8804CE
RX8804CE
1.
FOE
10.
/INT
2.
VDD
9.
GND
3.
EVIN
8. T2
4.
FOUT
7.
SDA
5.
SCL
6.
SOUT
2.5 ± 0.2
Electrical Characteristics
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Operating voltage
VDD
Interface voltage
1.6
3.0
5.5
V
Temp. compensated Voltage
VTEM
Temp. compensated voltage
1.5
3.0
5.5
V
Clock supply voltage
VCLK
Internal clock
1.5
3.0
5.5
V
Operating temperature
TOPR
No condensation
-40
+25
+105
ºC
Stability
f/f
XA
Ta
= -40 ºC  +85 ºC
±3.4
1
10-6
Ta
= +85 ºC  +105 ºC
±8.0
2
XB
Ta
=-40 ºC  +85 ºC
±5.0
3
Ta
= +85 ºC  +105 ºC
±8.0
2
Current consumption (1)
IDD1
fSCL=0Hz, /INT=VDD,
FOE =GND,FOUT:
OFF
Temp. Compensation
interval 2.0 s.
VDD = 5V
-
0.4
1.6
A
Current consumption (2)
IDD2
VDD = 3V
-
0.35
1.5
 1)Equivalent to ±9 seconds of month deviation. 2)Equivalent to ±21 seconds of month deviation.  3)Equivalent to ±13 seconds of month deviation.
32.768 kHz-DTCXO Frequency temperature characteristics (Example)
Frequency temperature characteristics
-30
-25
-20
-15
-10
-5
0
5
10
-45
-35
-25
-15
-5
5
15
25
35
45
55
65
75
85
Temperature (ºC)
Tuning fork X'tal
32.768 kHz DTCXO
95
105


Similar Part No. - RX8804CE

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
RX8804CE EPSONTOYOCOM-RX8804CE Datasheet
273Kb / 1P
Real Time Clock Module
More results

Similar Description - RX8804CE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307 Datasheet
516Kb / 20P
Real-time Clock Module (I2C Bus)
logo
Epson Company
RA8900SA EPSON-RA8900SA Datasheet
335Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
RTC-8564NB EPSON-RTC-8564NB Datasheet
298Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
RX-8035SA EPSON-RX-8035SA Datasheet
283Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus)
logo
Abracon Corporation
AB-RTCMC-32.7KHZ-EOZ9-S3 ABRACON-AB-RTCMC-32.7KHZ-EOZ9-S3 Datasheet
3Mb / 10P
DTCXO Temperature Compensated Real Time Clock Module with I2C Bus
02.05.13
logo
Epson Company
RA8804CE EPSON-RA8804CE Datasheet
905Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus) For Automotive Built-in 32.768 kHz-DTCXO
logo
Abracon Corporation
AB-RTCMC-32.768KHZ-EOZ9 ABRACON-AB-RTCMC-32.768KHZ-EOZ9 Datasheet
2Mb / 10P
DTCXO Temperature Compensated Real Time Clock Module with I2C Bus
11.28.2018
logo
Epson Company
TG-3541CE EPSON-TG-3541CE Datasheet
702Kb / 2P
Output frequency Built-in 32.768 kHz-DTCXO
TG-3541CEA EPSON-TG-3541CEA Datasheet
707Kb / 2P
Output frequency Built-in 32.768 kHz-DTCXO
logo
Diodes Incorporated
PT7C433833A DIODES-PT7C433833A Datasheet
2Mb / 20P
Real-time Clock Module (I2C Bus)
Rev 2 - 2 June 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com