Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HM1547 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1547
Description  1.2MHZ竊?4V Step-up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1547 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM1547 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1547 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1547 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1547 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1547 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1547 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1547 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1547 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1547 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
- 8 -
0.40V
0.20A
. For 3V~4.2Vin to 5V 1A out , 0.62V~0.65V is suitable.
If the current limit exceeds 2A, maybe the IC will be go in to over temperature protection status without good
layout.
OC SETTING2( SETTING CURRENT LIMIT BY ONE RESISTOR)
can be adjusted SW current limit by one resistor connected with OC pin just like Typical
Application Circuit2 。The setting sheet is as below( Vin=3.6V
Vout=5V )---Only list the typical Ilim number,
the actual data may be in +/- 20% above them because of some discrete data from IC and resistor.
Please do not let it float.
Rset
ohm)
Ilim(typ)
168K
2.2A
150K
1.9A
130K
1.5A
120K
1.3A
100K
0.9A
. For 3V~4.2Vin to 5V 1A out , 150K~170Kohm is suitable.
If the current limit exceeds 2A, maybe the IC will be go in to over temperature protection status without good
layout.
DIODE SELECTION
According to max Iout
and max Vout, you can select suitable diode. Normally we select
diode
If=(1.5~2)*Ioutmax and VR=(1.5~2)*Voutmax. For high efficiency,suggest that you select low Vf Schottky
diode. ONsemi’s MBRA210LT3 is prefer
0.45V
0.55A
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com