Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T73227 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # T73227
Description  27 MHz VCXO Clock Generator IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

T73227 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  T73227 Datasheet HTML 1Page - List of Unclassifed Manufacturers T73227 Datasheet HTML 2Page - List of Unclassifed Manufacturers T73227 Datasheet HTML 3Page - List of Unclassifed Manufacturers T73227 Datasheet HTML 4Page - List of Unclassifed Manufacturers T73227 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
October 2002
5
10.29.02
ISO9001
T73227
27 MHz VCXO Clock Generator IC
Phase Noise vs. Frequency Offset
Frequency Offset from 27MHz
100
1K
10K
100K
1M
- 50
- 70
- 90
- 110
- 130
- 150
6.0
Ordering Information
ORDERING PART
NUMBER
PACKAGE TYPE
SHIPPING
CONFIGURATION
T73227-S08
8-pin SOIC
Tubes
T73227-S08-TNR
8-pin SOIC
Tape and Reel
T73227-M08
8-pin MSOP
Tubes
T73227-M08-TNR
8-pin MSOP
Tape and Reel
T73227-DIE
DIE
Waffle-Pack
TLSI reserves the right to make changes to its products or to discontinue any product or service without notice, and advise customers to obtain the latest version of relevant information to verify,
before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgment, includ-
ing those pertaining to warranty, patent infringement, and limitation of liability.
TLSI warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with TLSI’s standard warranty. Testing and other quality control techniques
are utilized to the extent TLSI deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed, except those mandated by government
requirements.
Customers are responsible for their applications using TLSI devices.
Information furnished by TLSI is believed to be accurate and reliable. However, no responsibility is assumed by TLSI for its use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or otherwise under any patent rights of TLSI.
TLSI and Silicon Driven are trademarks of TLSI, Inc. All other trademarks are the property of their respective owners.
TLSI Incorporated, 770 Park Avenue, Huntington NY 11743
•••• (631) 755-7005 •••• Fax 631-755-7626 •••• www.tlsi.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com