Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJF1441 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TJF1441
Description  High-speed CAN transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJF1441 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TJF1441 Datasheet HTML 2Page - NXP Semiconductors TJF1441 Datasheet HTML 3Page - NXP Semiconductors TJF1441 Datasheet HTML 4Page - NXP Semiconductors TJF1441 Datasheet HTML 5Page - NXP Semiconductors TJF1441 Datasheet HTML 6Page - NXP Semiconductors TJF1441 Datasheet HTML 7Page - NXP Semiconductors TJF1441 Datasheet HTML 8Page - NXP Semiconductors TJF1441 Datasheet HTML 9Page - NXP Semiconductors TJF1441 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
NXP Semiconductors
TJF1441
High-speed CAN transceiver
TJF1441
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 12 August 2020
6 / 25
7.1.1 Off mode
The TJF1441 switches to Off mode from any mode when the supply voltage on pin VIO
falls below the switch-off undervoltage detection threshold (Vuvd(swoff)(VIO)) or when VCC
drops below Vuvd(VCC). This is the default mode when the supply is first connected.
The CAN pins and pin RXD are in a high-ohmic state in Off mode.
When the supply voltage rises above the switch-off undervoltage detection threshold,
the TJF1441 starts to boot up, triggering an initialization procedure. It switches to the
selected mode after tstartup, provided VCC > Vuvd(VCC).
7.1.2 Silent mode
A HIGH level on pin S selects Silent mode. The transmitter is disabled in Silent mode,
releasing the bus pins to VCC/2. All other IC functions, including the receiver, continue to
operate as in Normal mode. Silent mode can be used to prevent a faulty CAN controller
disrupting network communications.
7.1.3 Normal mode
A LOW level on pin S selects Normal mode. In Normal mode, the transceiver can
transmit and receive data via bus lines CANH and CANL. Pin TXD must be HIGH at
least once in Normal mode before transmission can begin. The differential receiver
converts the analog data on the bus lines into digital data on pin RXD. The slopes of the
output signals on the bus lines are controlled internally and are optimized in a way that
guarantees the lowest possible EME. In recessive state, the output voltage on the bus
pins is VCC/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com