Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MEXL Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MEXL
Description  Final Control Elements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEXL Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MEXL Datasheet HTML 1Page - M-System Co.,Ltd. MEXL Datasheet HTML 2Page - M-System Co.,Ltd. MEXL Datasheet HTML 3Page - M-System Co.,Ltd. MEXL Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: MEXL
MEXL SPECIFICATIONS
ES-4612 Rev.1 Page 1/4
http://www.m-system.co.jp/
Final Control Elements
VALVE POSITIONER
(for LonWorks; built-in SSR)
Functions & Features
• LonWorks compatible
• Used for 24 - 200 V AC electric actuator position control
• Position feedback via potentiometer (100 Ω - 10 kΩ
unadjusted)
• Direct motor driving with built-in SSR (with zero-cross
circuit)
• Restart control timer built-in to prevent motor overheating
due to frequent on/off switching
Typical Applications
• Retrofitting existing equipment for LonWorks compatibility
50
(1.97)
136
(5.35)
80
(3.15)
mm (inch)
MODEL: MEXL–11[1]–[2][3]
ORDERING INFORMATION
• Code number: MEXL-11[1]-[2][3]
Specify a code from below for each of [1] through [3].
(e.g. MEXL-111-G/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
FEEDBACK RESISTANCE
1: Potentiometer
CONTROL OUTPUT
1: SSRs incorporated
[1] BREAK
0: None
1: With
[2] POWER INPUT
AC Power
A: 24 V AC
B: 100 V AC
C: 110 V AC
G: 200 V AC
H: 220 V AC
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
EXTERNAL INTERFACE FILE
MEXL external interface file MEXL.XIF downloadable at M-
System’s web site.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Full-closed position adjustment range: 0 - 25 % (front)
Full-open position adjustment range: 75 - 100 % (front)
Deadband adjustment: 0.1 – 8.0 % (front adj.; refer to the
table below)
Isolation: LonWorks to feedback potentiometer to control
output to power to ground
RUN LED:
Blinking at 0.5 Hz in normal operating conditions
Blinking at 2 Hz when lock protection timer is operating
Blinking at 5 Hz for 3 seconds during Wink
Manual operation switch: Manual full-close or full-open
position command
Deadband adjustment
Deadband adj. SW
Deadband (%)
0
0.1
1
0.3
2
0.5
3
0.7
4
1.0
5
1.5
6
2.0
7
3.0
8
5.0
9
8.0


Similar Part No. - MEXL

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MEX MERITEK-MEX Datasheet
171Kb / 1P
EMI Suppression Capacitor
logo
M-System Co.,Ltd.
MEX-B MSYSTEM-MEX-B Datasheet
111Kb / 3P
Final Control Elements
MEX-B-B MSYSTEM-MEX-B-B Datasheet
111Kb / 3P
Final Control Elements
MEX-B-B MSYSTEM-MEX-B-B Datasheet
111Kb / 3P
Final Control Elements
MEX-B-B/Q MSYSTEM-MEX-B-B/Q Datasheet
111Kb / 3P
Final Control Elements
More results

Similar Description - MEXL

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MEX-P MSYSTEM-MEX-P Datasheet
121Kb / 3P
Final Control Elements
MEX-F MSYSTEM-MEX-F Datasheet
153Kb / 5P
Final Control Elements
MEX-E MSYSTEM-MEX-E Datasheet
110Kb / 3P
Final Control Elements
MEX-C MSYSTEM-MEX-C Datasheet
111Kb / 3P
Final Control Elements
MEX-B MSYSTEM-MEX-B Datasheet
111Kb / 3P
Final Control Elements
MEXE MSYSTEM-MEXE Datasheet
110Kb / 3P
Final Control Elements
MEXD MSYSTEM-MEXD Datasheet
112Kb / 3P
Final Control Elements
MRP6C MSYSTEM-MRP6C Datasheet
135Kb / 4P
Final Control Elements
MRP5D MSYSTEM-MRP5D Datasheet
160Kb / 5P
Final Control Elements
MRP4C MSYSTEM-MRP4C Datasheet
138Kb / 4P
Final Control Elements
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com