Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

REM3 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # REM3
Description  PRECISION RESISTOR MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

REM3 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  REM3 Datasheet HTML 1Page - M-System Co.,Ltd. REM3 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: REM3
REM3 SPECIFICATIONS
ES-9219 Rev.3 Page 1/2
http://www.m-system.co.jp/
PRECISION RESISTOR MODULE
Functions & Features
• Attached to the terminals of the R1M or similar type of
modules in order that they are able to accept a DC current
input
MODEL: REM3–250
ORDERING INFORMATION
• Code number: REM3-250
RESISTANCE VALUE
250: 250 Ω
RELATED PRODUCTS
• Paperless Recorder (model: 73VR21x)
• PC Recorder/Remote I/O (model: RZMS-U9)
• PC Recorder (models: RZUS-U9)
• PC Recorder/Remote I/O (model: RIM-GH)
• PC Recorder/Remote I/O (model: RIMS-GH3)
• Remote I/O (model: RIC-GH)
• Remote I/O (model: RID-GH2)
• Signal Transmitter (model: M1EXV-4)
GENERAL SPECIFICATIONS
Material
Resistor: Manganine (winding)
Enclosure: Phenol (black)
Molding: epoxy resin (black)
Leg: nickel-plated phosphor bronze
INSTALLATION
Operating temperature: -10 to +60°C (14 to 140°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Weight: Approx. 5 g (0.18 oz)
PERFORMANCE
Accuracy: ±0.1 %
Temp. coefficient: ±30 ppm/°C(±16.7 ppm/°F)
Rated wattage: 0.5 W at 60°C or 140°F


Similar Part No. - REM3

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REM3 RECOM-REM3 Datasheet
1Mb / 5P
Reinforced Insulation for 250VAC Working Voltage
REM3-0505D RECOM-REM3-0505D Datasheet
463Kb / 6P
3 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM3-0505S RECOM-REM3-0505S Datasheet
463Kb / 6P
3 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM3-0512D RECOM-REM3-0512D Datasheet
463Kb / 6P
3 Watt 2:1 & 4:1 DIP24 Single and Dual Output
REM3-0512S RECOM-REM3-0512S Datasheet
463Kb / 6P
3 Watt 2:1 & 4:1 DIP24 Single and Dual Output
More results

Similar Description - REM3

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
RUG-Z RHOPOINT-RUG-Z Datasheet
52Kb / 1P
Precision Resistor
PBH-R100-F1-1 RHOPOINT-PBH-R100-F1-1 Datasheet
35Kb / 2P
Precision Resistor
PBV-R001-F1-1 RHOPOINT-PBV-R001-F1-1 Datasheet
36Kb / 2P
Precision Resistor
PLC-R010-5 RHOPOINT-PLC-R010-5 Datasheet
32Kb / 2P
Precision Resistor
PMA-C-R010-5 RHOPOINT-PMA-C-R010-5 Datasheet
88Kb / 2P
Precision Resistor
SMV-R003-5 RHOPOINT-SMV-R003-5 Datasheet
66Kb / 2P
Precision Resistor
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
Precision Resistor Networks
logo
M-System Co.,Ltd.
REM2 MSYSTEM-REM2 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
REM MSYSTEM-REM Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
logo
IET Labs Inc.
1433 IET-1433 Datasheet
195Kb / 2P
Precision Decade Resistor
May 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com