Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LOT672 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LOT672
Description  Super TOPLED / High-Current LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOT672 Datasheet(HTML) 7 Page - OSRAM GmbH

  LOT672 Datasheet HTML 1Page - OSRAM GmbH LOT672 Datasheet HTML 2Page - OSRAM GmbH LOT672 Datasheet HTML 3Page - OSRAM GmbH LOT672 Datasheet HTML 4Page - OSRAM GmbH LOT672 Datasheet HTML 5Page - OSRAM GmbH LOT672 Datasheet HTML 6Page - OSRAM GmbH LOT672 Datasheet HTML 7Page - OSRAM GmbH LOT672 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Opto Semiconductors
Data Sheet
7
1999-05-18
LS T672, LO T672, LY T672, LG T672, LP T672
Wellenlänge der Strahlung
λ
peak = f (TA)
Wavelength at peak emission
I
F = 10 mA
Durchlaßspannung
V
F = f (TA)
Forward voltage
I
F = 50 mA
Dominantwellenlänge
λ
dom = f (TA)
Dominat wavelength
I
F = 10 mA
Relative Lichtstärke
I
V / IV(25 ˚C) = f (TA)
Relative luminous intensity
I
F = 50 mA
green
yellow
orange
super-red
pure-green
550
OHL02104
λ
peak
˚C
A
T
0
20
40
60
80
100
570
590
610
630
650
nm
690
yellow
green
orange
super-red
pure-green
550
OHL02105
λ
dom
˚C
A
T
0
20
40
60
80
100
570
590
610
630
650
nm
690



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com