Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZL30791 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # ZL30791
Description  IEEE 1588 & Synchronous Ethernet Packet Clock Network Synchronizers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL30791 Datasheet(HTML) 4 Page - Microsemi Corporation

  ZL30791 Datasheet HTML 1Page - Microsemi Corporation ZL30791 Datasheet HTML 2Page - Microsemi Corporation ZL30791 Datasheet HTML 3Page - Microsemi Corporation ZL30791 Datasheet HTML 4Page - Microsemi Corporation ZL30791 Datasheet HTML 5Page - Microsemi Corporation ZL30791 Datasheet HTML 6Page - Microsemi Corporation ZL30791 Datasheet HTML 7Page - Microsemi Corporation ZL30791 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZL30791, ZL30795, ZL30793
Product Brief
4
Microsemi Confidential
Output jitter from Synth1 and Synth2 integer dividers is <0.3ps RMS
Output jitter from fractional dividers is <1ps RMS, many frequencies <0.5ps RMS
In CMOS mode, the HPOUTxN frequency can be an integer divisor of the HPOUTxP frequency
(Example 1: HPOUT3P 125MHz, HPOUT3N 25MHz. Example 2: HPOUT2P 25MHz, HPOUT2N 1Hz)
Outputs directly interface (DC coupled) with LVDS, LVPECL, HSTL, HCSL and CMOS components
Supported telecom frequencies include PDH, SDH, Synchronous Ethernet, OTN
Can produce clock frequencies for microprocessors, ASICs, FPGAs and other components
Can produce PCIe clocks
Sophisticated output-to-output phase alignment
Per-synthesizer phase adjustment, 1ps resolution
Per-output phase adjustment
Per-output duty cycle / pulse width configuration
Per-output enable/disable
Per-output glitchless start/stop (stop high or low)
3.5
General-Purpose Output Clock Features
Two CMOS outputs from Synth0
Any frequency from 0.5Hz to 180MHz
Output jitter is typically 20-30ps
Useful for applications where the component or system receiving the signal has low bandwidth such as
a central timing IC
Can output a clock signal with embedded PPS (ePPS) (duty cycle distortion indicates PPS location)
3.6
Local Oscillator
Operates from a single TCXO or OCXO. Acceptable frequencies: 23.75MHz to 25MHz, 47.5MHz to
50MHz, 114.285MHz to 125MHz. Best jitter:
48MHz.
Very-low-jitter applications can connect a TCXO or OCXO (any frequency, any output jitter) as the
stability reference and a low-cost low-jitter XO as the jitter reference
This ability to have separate jitter and stability references greatly reduces the cost of the TCXO or
OCXO (no jitter requirement, no high-frequency-requirement) and allows reuse of already-qualified
TCXO and OCXO components
3.7
General Features
Automatic self-configuration at power-up from internal Flash memory
Input-to-output alignment <200ps with external feedback
Fast REF+SYNC locking for frequency and 1PPS phase alignment with lower-cost oscillator
Generates output SYNC signals: 1PPS (IEEE 1588), 2kHz or 8kHz (SONET/SDH) or other frequency
JESD204B clocking: device clock and SYSREF signal generation with skew adjustment
Internal compensation for local oscillator frequency error in DPLLs and input monitors, 1ppt resolution
Numerically controlled oscillator (NCO) behavior allows system software to steer DPLL frequency or
fractional output divider frequency with resolution better than 0.005ppt
Spread-spectrum modulation available in each fractional output divider (PCIe compliant)
Seven general-purpose I/O pins each with many possible status and control options
SPI or I2C serial microprocessor interface
3.8
Evaluation Software
Simple, intuitive Windows-based graphical user interface
Supports all device features and register fields
Makes lab evaluation of the device quick and easy
Generates configuration scripts to be stored in internal Flash memory
Generates full or partial configuration scripts to be run on a system processor
Works with or without an evaluation board



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com