Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WNSC2D08650D Datasheet(PDF) 6 Page - WeEn Semiconductors

Part # WNSC2D08650D
Description  Silicon Carbide Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

WNSC2D08650D Datasheet(HTML) 6 Page - WeEn Semiconductors

Back Button WNSC2D08650D Datasheet HTML 2Page - WeEn Semiconductors WNSC2D08650D Datasheet HTML 3Page - WeEn Semiconductors WNSC2D08650D Datasheet HTML 4Page - WeEn Semiconductors WNSC2D08650D Datasheet HTML 5Page - WeEn Semiconductors WNSC2D08650D Datasheet HTML 6Page - WeEn Semiconductors WNSC2D08650D Datasheet HTML 7Page - WeEn Semiconductors WNSC2D08650D Datasheet HTML 8Page - WeEn Semiconductors WNSC2D08650D Datasheet HTML 9Page - WeEn Semiconductors WNSC2D08650D Datasheet HTML 10Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
WeEn Semiconductors
WNSC2D08650D
Silicon Carbide Diode
WNSC2D08650D
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2021. All rights reserved
21 January 2021
6 / 11
10. Characteristics
Table 7. Characteristics
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VF
forward current
IF = 8 A; Tj = 25 °C; Fig. 5
-
1.5
1.7
V
IF = 8 A; Tj = 150 °C; Fig. 5
-
1.8
2.2
V
IF = 8 A; Tj = 175 °C; Fig. 5
-
2
2.3
V
IR
reverse current
VR = 650 V; Tj = 25 °C; Fig. 6
-
0.4
40
μA
VR = 650 V; Tj = 175 °C; Fig. 6
-
20
200
μA
Dynamic characteristics
Qr
recovered charge
IF = 8 A; VR = 400 V; dIF/dt = 500 A/μs;
Tj = 25 °C; Fig. 7
-
13
-
nC
Cd
diode capacitance
f = 1 MHz; VR = 1 V; Tj = 25 °C
-
260
-
pF
f = 1 MHz; VR = 300 V; Tj = 25 °C
-
31
-
pF
f = 1 MHz; VR = 600 V; Tj = 25 °C
-
27
-
pF
Eas
non-repetitive
avalanche energy
IR = 4.9 A; L = 5 mH; Tj(init) = 25 °C
60
-
-
mJ
Vo = 1.144 V; Rs = 0.1272 Ω
(1) Tj = -55 °C; typical values
(2) Tj = 0 °C; typical values
(3) Tj = 25 °C; typical values
(4) Tj = 100 °C; typical values
(5) Tj = 150 °C; typical values
(6) Tj = 175 °C; typical values
Fig. 5. Forward current as a function of forward
voltage; typical values
Fig. 6. Reverse leakage current as a function of reverse
voltage; typical value



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com