Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GE2X10MPS06D Datasheet(PDF) 5 Page - GeneSiC Semiconductor, Inc.

Part # GE2X10MPS06D
Description  650V 20A SiC Schottky MPS??Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GE2X10MPS06D Datasheet(HTML) 5 Page - GeneSiC Semiconductor, Inc.

  GE2X10MPS06D Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GE2X10MPS06D Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GE2X10MPS06D Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. GE2X10MPS06D Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. GE2X10MPS06D Datasheet HTML 5Page - GeneSiC Semiconductor, Inc. GE2X10MPS06D Datasheet HTML 6Page - GeneSiC Semiconductor, Inc. GE2X10MPS06D Datasheet HTML 7Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
GE2X10MPS06D
650V 20A SiC Schottky MPS™ Diode
TM
Figure 9: Transient Thermal Impedance (Per Leg)
Z
= f(t ,D); D = t /T
Figure 10: Forward Curve Model (Per Leg)
VBI
1/RDIFF
I = f(V ,T )
Forward Curve Model Equation:
I = (V - V )/R
(A)
Built-In Voltage (V ):
V (T ) = m × T + n (V)
m = -0.00124 (V/°C)
n = 0.72 (V)
Differential Resistance (R
):
R
(T ) = a × T + b × T + c (Ω)
a = 9.62e-07 (Ω/°C )
b = 0.000272 (Ω/°C)
c = 0.0481 (Ω)
Forward Power Loss Equation:
P
= V (T ) × I
+ R
(T ) × I
th,jc
P
P
F
F j
F
F
BI
DIFF
BI
BI
j
j
DIFF
DIFF
j
j2
j
2
LOSS
BI
j
AVG
DIFF
j
RMS2
Jul. 20 Rev 1
www.genesicsemi.com/sic-schottky-mps/GE2X10MPS06D/GE2X10MPS06D.pdf
Page 5 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com