Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ETRGL Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ETRGL
Description  HOME APPLICATION RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ETRGL Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ETRGL Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ETRGL Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. ETRGL Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. ETRGL Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
Rely on ECE’s Relays,
and You Always Relax!
HOME APPLICATION RELAY
ETR GL SERIES
▓FEATURES
High switching current at 30A (1 Pole) and 25A (2 Poles).
Plug-in terminal is available.
Both AC and DC coil available.
High Dielectric Strength 4,000VAC.
Comply with RoHS and REACH regulations.
▓SPECIFICATIONS
Contact Resistance
Max. 100mΩ at initial value. @1A,6VDC
Contact Capacity
GL-1P: 30 Amps at 277VAC Cosφ=1
GL-2P: 25 Amps at 277VAC Cosφ=1
Operate Time
30m Sec. Max.
Release Time
30m Sec. Max.
Dielectric Strength
Between coil & Contact: 4000VAC at 50/60Hz for one minute
Between Contacts: 2000VAC at 50/60Hz for one minute
Different Polarity: 3000VAC at 50/60Hz for one minute
Insulation Resistance
100MΩ Min. at 500VDC
▓COIL SPECIFICATION AT 20℃
Coil
Sensitivity
Nominal
Voltage
(VDC)
Nominal
Current
(Ma)
Coil
Resistance
(Ω±10%)
Power
Consumption
Pull-In
Voltage
(VDC)
Drop-Out
Voltage
(VDC)
Max.
Allowable
Voltage
(VDC)
6
317
18.9
9
211
42.6
12
158
75.8
24
79
303
48
40
1,220
60
31.7
1,895
100
19
5,260
GL
DC Coil
110
17
6,400
Abt. 1.9W
75%
Max.
10%
Min.
110%
12
142
-
24
71
-
48
34
-
100~120
17~20.4
-
GL
AC Coil
200~240
8.5~10.2
-
Abt.
1.7~2.5VA
75%
Max.
10%
Min.
110%


Similar Part No. - ETRGL

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ETRGCJ ECE-ETRGCJ Datasheet
89Kb / 2P
GENERAL CONTROL RELAY
ETRGCJ-SH-103DMNFZ ECE-ETRGCJ-SH-103DMNFZ Datasheet
89Kb / 2P
GENERAL CONTROL RELAY
ETRGCJ-SH-103DMSFZ ECE-ETRGCJ-SH-103DMSFZ Datasheet
89Kb / 2P
GENERAL CONTROL RELAY
ETRGCJ-SH-105DMNFZ ECE-ETRGCJ-SH-105DMNFZ Datasheet
89Kb / 2P
GENERAL CONTROL RELAY
ETRGCJ-SH-105DMSFZ ECE-ETRGCJ-SH-105DMSFZ Datasheet
89Kb / 2P
GENERAL CONTROL RELAY
More results

Similar Description - ETRGL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCC02-ED5 STMICROELECTRONICS-STCC02-ED5 Datasheet
251Kb / 13P
CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
05-Dec-2004
logo
Nais(Matsushita Electri...
ALF1P05 NAIS-ALF1P05 Datasheet
92Kb / 3P
20A Power Relay For Home appliances
logo
Toshiba Semiconductor
SSM6K32TU TOSHIBA-SSM6K32TU Datasheet
612Kb / 6P
Relay drive, DC/DC converter application
logo
Amphenol Corporation
AAS-920-086C AMPHENOL-AAS-920-086C Datasheet
298Kb / 4P
Home inspectors
logo
EXCEL CELL ELECTRONIC C...
ETRRE ECE-ETRRE Datasheet
185Kb / 4P
HOME APPLICATION RELAY
ETRRET ECE-ETRRET Datasheet
164Kb / 4P
HOME APPLICATION RELAY
ETRRPT ECE-ETRRPT Datasheet
153Kb / 5P
HOME APPLICATION RELAY
ETRGU ECE-ETRGU Datasheet
115Kb / 3P
HOME APPLICATION RELAY
ETRGI ECE-ETRGI Datasheet
117Kb / 3P
HOME APPLICATION RELAY
ETRGQ ECE-ETRGQ Datasheet
112Kb / 3P
HOME APPLICATION RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com