Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SOOD-BS-R-PN-30 Datasheet(PDF) 1 Page - Festo Corporation.

Part # SOOD-BS-R-PN-30
Description  Diffuse scan
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

SOOD-BS-R-PN-30 Datasheet(HTML) 1 Page - Festo Corporation.

  SOOD-BS-R-PN-30 Datasheet HTML 1Page - Festo Corporation. SOOD-BS-R-PN-30 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Diffuse scan
SOOD-BS-R-PN-30
Part number: 8075653
Data sheet
Feature
Value
Type code
SOOD
Certificate issuing authority
UL E232949
Electrical connection 1, type of mounting
Screw-type lock
Electrical connection 1, connection type
Cable with plug
Electrical connection 1, connection technology
M8x1 A-coded as per EN 61076-2-104
Electrical connection for input 1, connection pattern
00991155
Detection method
Reflection light sensor with HGA
Electrical connection 1, number of pins/wires
3
Max. black-white difference
7 %
Design
Block design
Conforms to standard
EN 60947-5-2
Symbol
00995959
Certification
RCM compliance mark
c UL us - Recognized (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Measuring principle
Optoelectronic
Type of light
Red
LED
Max. light spot
2 mm for scan width of 30 mm
Minimum object diameter
2 mm
Working range
1 mm ... 30 mm
Ambient temperature
-25 °C ... 60 °C
Reference material
Standard white 90%, 100x100 mm
Switching output
Push-pull
Switching element function
PNP, bright-switching
NPN, dark-switching
Hysteresis
0.3 mm
Max. switching frequency
800 Hz
Max. output current
50 mA
Voltage drop
0 V ... 1.5 V
Short-circuit protection
Pulsed
DC operating voltage range
10 V ... 30 V
Residual ripple
10 %
Idle current
10 mA
5/27/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - SOOD-BS-R-PN-30

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SOOD-BS-R-PN-50 FESTO-SOOD-BS-R-PN-50 Datasheet
82Kb / 2P
Diffuse scan
SOOD-BS-R-PN-80 FESTO-SOOD-BS-R-PN-80 Datasheet
83Kb / 2P
Diffuse scan
More results

Similar Description - SOOD-BS-R-PN-30

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8075655 FESTO-8075655 Datasheet
83Kb / 2P
Diffuse scan
8075660 FESTO-8075660 Datasheet
82Kb / 2P
Diffuse scan
8075664 FESTO-8075664 Datasheet
94Kb / 2P
Diffuse scan
8075669 FESTO-8075669 Datasheet
93Kb / 2P
Diffuse scan
537690 FESTO-537690 Datasheet
106Kb / 2P
Diffuse scan
7/13/22
537707 FESTO-537707 Datasheet
110Kb / 2P
Diffuse scan
7/13/22
537717 FESTO-537717 Datasheet
103Kb / 2P
Diffuse scan
7/13/22
537718 FESTO-537718 Datasheet
105Kb / 2P
Diffuse scan
7/13/22
547911 FESTO-547911 Datasheet
121Kb / 2P
Diffuse scan
7/13/22
547912 FESTO-547912 Datasheet
114Kb / 2P
Diffuse scan
7/13/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com