Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A2000 Datasheet(PDF) 2 Page - Kingston Technology Far East Co. Ltd

Part # A2000
Description  Uncompromising performance, amazing value
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTON [Kingston Technology Far East Co. Ltd]
Direct Link  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

A2000 Datasheet(HTML) 2 Page - Kingston Technology Far East Co. Ltd

  A2000 Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd A2000 Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THIS DOCUMENT SUBJECT TO CHANGE WITHOUT NOTICE.
©2019 Kingston Technology Corporation, 17600 Newhope Street, Fountain Valley, CA 92708 USA. All rights reserved.
All trademarks and registered trademarks are the property of their respective owners.
MKD-404US
A2000 NVMe PCIe SSD
SPECIFICATIONS
> Form factor M.2 2280
> Interface NVMe™ PCIe Gen 3.0 x 4 lanes
> Capacities2
250GB, 500GB, 1TB
> NAND 3D TLC
> Encrypted XTS-AES 256-bit encryption
> Sequential read/write1
250GB – up to 2,000/1,100MB/s
500GB – up to 2,200/2,000MB/s
1TB – up to 2,200/2,000MB/s
> Random 4K read/write1
250GB – up to 150,000/180,000 IOPS
500GB – up to 180,000/200,000 IOPS
1TB – up to 250,000/220,000 IOPS
> Total Bytes Written (TBW)3
250GB – 150TBW
500GB – 350TBW
1TB – 600TBW
> Power consumption
.0032W idle / .08W avg / 1.7W (MAX) read / 4.5W (MAX) write
> Storage temperature -40°C~85°C
> Operating temperature 0°C~70°C
> Dimensions 80mm x 22mm x 3.5mm
> Weight
250GB – 6.6g
500GB – 6.8g
1TB – 6.6g
> Vibration operating 2.17G peak (7-800Hz)
> Vibration non-operating 20G peak (20-1000Hz)
> MTBF 2,000,000
> Warranty/Support4
limited 5-year warranty with free technical support
> NVMe PCIe performance at a fraction of the cost — A2000 is
an affordable solution with impressive read/write speeds up to
2,200/2,000MB/s1.
> Full-security suite — Protect and secure your data with Kingston’s
self-encrypting drive.
> Optimal systems — Ideal for Ultrabooks and small form factor
PC (SFF PC) systems.
> Multiple capacities — Upgrade your PC with up to 1TB2
.
FEATURES/ BENEFITS
The cryptographic functionalities, mentioned in the present section, are implemented in the
firmware of the product. The cryptographic functions of the firmware can only be changed during
the manufacturing process and cannot be changed by a regular user. The product is designed for
installation by the user by following the step-by-step instruction from the installation user guide,
supplied with the product, and, thereby, can be used without further substantial support of the
supplier.
The SSD is designed for use in desktop and notebook computer workloads and is not intended for
Server environments.
1. Based on “out-of-box performance” using a PCIe 3.0 motherboard. Speed may vary due to host
hardware, software, and usage. IOMETER Random 4K Read/Write is based on 8GB partition.
2. Some of the listed capacity on a Flash storage device is used for formatting and other functions and
thus is not available for data storage. As such, the actual available capacity for data storage is less than
what is listed on the products. For more information, go to Kingston’s Flash memory guide at kingston.
com/flashguide.
3. Total Bytes Written (TBW) is derived from the JEDEC Client Workload (JESD219A).
4. Limited warranty based on 5 years or “Percentage Used” which can be found using the Kingston SSD
Manager (Kingston.com/SSDManager). For NVMe SSDs, a new unused product will show a Percentage
Used value of 0, whereas a product that reaches its warranty limit will show a Percentage Used value of
greater than or equal to one hundred (100). See Kingston.com/wa for details.
PART NUMBERS
SA2000M8/250G
SA2000M8/500G
SA2000M8/1000G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com