Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EPC2012C Datasheet(PDF) 4 Page - Efficient Power Conversion Corporation.

Part # EPC2012C
Description  Enhancement Mode Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

EPC2012C Datasheet(HTML) 4 Page - Efficient Power Conversion Corporation.

  EPC2012C Datasheet HTML 1Page - Efficient Power Conversion Corporation. EPC2012C Datasheet HTML 2Page - Efficient Power Conversion Corporation. EPC2012C Datasheet HTML 3Page - Efficient Power Conversion Corporation. EPC2012C Datasheet HTML 4Page - Efficient Power Conversion Corporation. EPC2012C Datasheet HTML 5Page - Efficient Power Conversion Corporation. EPC2012C Datasheet HTML 6Page - Efficient Power Conversion Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
eGaN® FET DATASHEET
EPC2012C
EPC – POWER CONVERSION TECHNOLOGY LEADER | EPC-CO.COM | ©2021 |
| 4
Figure 11: Transient Thermal Response Curves
Duty Cycle:
0.5
0.1
0.05
0.02
0.01
1
0.1
0.01
0.001
1E-5
1E-4
1E-3
1E-2
1E-1
1E+0
1E+1
tp, Rectangular Pulse Duration, seconds
Single Pulse
Notes:
Duty Factor: D = t1/t2
Peak TJ = PDM x ZθJB x RθJB + TB
PDM
t1
t2
Junction-to-Board
tp, Rectangular Pulse Duration, seconds
Duty Cycle:
0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse
1
0.1
0.01
0.001
0.0001
1E-5
1E-4
1E-3
1E-2
1E-1
1E+0
1E-6
Notes:
Duty Factor: D = t1/t2
Peak TJ = PDM x ZθJC x RθJC + TB
PDM
t1
t2
Junction-to-Case
VGS – Gate-to-Source Voltage (V)
1.5
1
0.5
3
2
2.5
0
0
1
2
3
4
5
6
25˚C
125˚C
Figure 10: Gate Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com