Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SVE4-HS-R-HM8-2N-M8 Datasheet(PDF) 1 Page - Festo Corporation.

Part # SVE4-HS-R-HM8-2N-M8
Description  Signal conditioner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

SVE4-HS-R-HM8-2N-M8 Datasheet(HTML) 1 Page - Festo Corporation.

  SVE4-HS-R-HM8-2N-M8 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Signal conditioner
SVE4-HS-R-HM8-2N-M8
Part number: 544219
Data sheet
Feature
Value
Type code
SVE4
Symbol
00991965
Certification
RCM compliance mark
c UL us - Listed (OL)
UL-ambient temperature
-20 °C ... 60 °C
CE marking (see declaration of conformity)
As per EU EMC directive
Note on materials
Free of copper and PTFE
Signal range
Adapted for position sensors SMH-S1-HG
Ambient temperature
-20 °C ... 70 °C
Switching output
2xNPN
Switching function
Freely programmable
Switching element function
Switchable
Short-circuit protection
Pulsed
Overload protection
Available
DC operating voltage range
10 V ... 30 V
Electrical connection, input
Socket
M8x1
4-pin
as per EN 60947-5-2
Electrical connection, output
Plug
M8x1
4-pin
as per EN 60947-5-2
Product weight
19 g
Housing material
ABS
Setting options
Teach-in
Degree of protection
IP65
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
6/1/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - SVE4-HS-R-HM8-2N-M8

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SVE4-HS-R-HM8-2P-M8 FESTO-SVE4-HS-R-HM8-2P-M8 Datasheet
85Kb / 1P
Signal conditioner
More results

Similar Description - SVE4-HS-R-HM8-2N-M8

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
Quad Signal Conditioner, Octal Signal Conditioner
VSC7108XVP-01 VITESSE-VSC7108XVP-01 Datasheet
466Kb / 2P
VSC7104 - Quad Signal Conditioner, VSC7108 ??Octal Signal Conditioner
logo
PHOENIX CONTACT
2810887 PHOENIX-2810887 Datasheet
309Kb / 11P
Signal conditioner
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
Signal conditioner
544217 FESTO-544217 Datasheet
88Kb / 1P
Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
Signal conditioner
544220 FESTO-544220 Datasheet
88Kb / 1P
Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
Signal conditioner
8035555 FESTO-8035555 Datasheet
109Kb / 2P
Signal conditioner
8035556 FESTO-8035556 Datasheet
110Kb / 2P
Signal conditioner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com