Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ME4-H2 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ME4-H2
Description  Hydrogen Gas Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ME4-H2 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ME4-H2 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME4-H2 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME4-H2 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME4-H2 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME4-H2 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ME4-H2 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
ME4-H2 Hydrogen Gas Sensor
Profile
ME4-H2 hydrogen sulfide gas sensor is constant
potential electrolysis type. Oxidation-reduction
reaction with hydrogen and oxygen take place
respectively on the working electrode and on the
counter electrode. The process releases electric
charge and generates current. The current is in
direct proportion to the concentration of
hydrogen. So the concentration of the target gas
could be got by measuring the value of current.
Features
Low power consumption, high precision, high sensitivity, wide linear range,
good anti-interference ability, excellent repeatability and stability.
Main applications
It is used for hydrogen detection in industrial occasion and environmental protection field.
Technical Parameters
Stable1.
Detection Gas
hydrogen(H2
Detection Range
0~1000ppm
Max range
2000ppm
Sensitivity
(0.03±0.01)µA/ppm
Resolution
1ppm
Response Time(T90)
≤30S
Bias Voltage
0mV
Load Resistance
10Ω(recommended)
Repeatability
<2﹪ Output value
Stability(/month)
<2﹪
Output Linearity
Linear
Zero drift(-20℃~40℃)
≤10ppm
Temperature range
-20℃~50℃
Humidity range
15﹪~90﹪RH no condensation
Pressure range
standard atmospheric pressure±10﹪
Lifespan
2 years
Fig1.Sensor Structure



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com