Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ES3AF Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # ES3AF
Description  SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Ampere
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ES3AF Datasheet(HTML) 3 Page - Rectron Semiconductor

  ES3AF Datasheet HTML 1Page - Rectron Semiconductor ES3AF Datasheet HTML 2Page - Rectron Semiconductor ES3AF Datasheet HTML 3Page - Rectron Semiconductor ES3AF Datasheet HTML 4Page - Rectron Semiconductor ES3AF Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M
Marking
Type number
Marking code
ES3A
ES3B
ES3C
ES3D
ES3E
ES3G
ES3J
ES3AF
ES3BF
ES3CF
ES3DF
ES3EF
ES3GF
ES3JF
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
SMAF
V
A
M
UNIT
mm
1.2
0.20
3.7
2.7
4.9
0.9
0.12
3.3
2.4
4.4
7
max
min
mil
max
min
47
35
7.9
4.7
146
130
106
94
193
173
AC
D
E
HE
1.6
1.3
63
51
e
Bottom View
HE
g
Top View
1.2
0.8
47
31
g
g
D
A
E
The recommended mounting pad size
2.2
(86)
1.6
(63)
1.6
(63)
Unit
mm
(mil)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com