Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VBUS05M2-HT1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VBUS05M2-HT1
Description  2-Line Low Capacitance, Bidirectional and Symmetrical (BiSy) ESD Protection Diode - Flow Through Design
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS05M2-HT1 Datasheet(HTML) 3 Page - Vishay Siliconix

  VBUS05M2-HT1 Datasheet HTML 1Page - Vishay Siliconix VBUS05M2-HT1 Datasheet HTML 2Page - Vishay Siliconix VBUS05M2-HT1 Datasheet HTML 3Page - Vishay Siliconix VBUS05M2-HT1 Datasheet HTML 4Page - Vishay Siliconix VBUS05M2-HT1 Datasheet HTML 5Page - Vishay Siliconix VBUS05M2-HT1 Datasheet HTML 6Page - Vishay Siliconix VBUS05M2-HT1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VBUS05M2-HT1
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 17-Sep-2019
3
Document Number: 85923
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - ESD Discharge Current Wave Form
acc. IEC 61000-4-2 (330
/150 pF)
Fig. 2 - 8/20 μs Peak Pulse Current Wave Form
acc. IEC 61000-4-5
Fig. 3 - Typical Capacitance vs. Reverse Voltage
Fig. 4 - Typical Reverse Voltage vs. Reverse Current
Fig. 5 - Typical Peak Clamping Voltage vs. Peak Pulse Current
Fig. 6 - Typical Peak Forward Voltage vs. Forward Current
10
100
1000
10000
0
20
40
60
80
100
120
-10 0
10 20 30 40 50 60 70 80 90 100
Axis Title
t (ns)
2nd line
Rise time = 0.7 ns to 1 ns
53
27
20557
10
100
1000
10000
0
20
40
60
80
100
010
20
30
40
Axis Title
t (µs)
2nd line
20 µs to 50 %
8 µs to 100 %
20548
10
100
1000
10000
0
0.2
0.4
0.6
0.8
1
0123456
Axis Title
V
R (V)
2nd line
f = 1 MHz
Pin 1 to pin 3 or pin 2 to pin 3 in both directions
22816
0
1
2
3
4
5
6
7
8
9
10
0.01
0.1
1
10
100
1000
10 000
I
R (µA)
2nd line
22887
Pin 1 to 3 or pin 2 to 3 in both directions
10
100
1000
10000
0
5
10
15
20
25
012345
Axis Title
I
PP (A)
2nd line
Measured according IEC 61000-4-5
(8/20 µs - wave form)
22818
Pin 1 to pin 3 or pin 2 to pin 3 in both directions
0
10
20
30
40
50
60
010
20
30
I
TLP (A)
2nd line
Transmission line pulse (TLP):
t
p = 100 ns
22819



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com