Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DCN3 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # DCN3
Description  SPECIAL CABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DCN3 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  DCN3 Datasheet HTML 1Page - M-System Co.,Ltd. DCN3 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: DCN3
http://www.m-system.co.jp/
DCN3 SPECIFICATIONS
ES-5910-3 Rev.0 Page 1/2
SPECIAL CABLE
(for DHN use)
MODEL: DCN3-20
ORDERING INFORMATION
• Code number: DCN3-20
CABLE LENGTH
20: 2 m (6.6 ft.)
RELATED PRODUCTS
• Switching module (model: DHN)
GENERAL SPECIFICATIONS
9-pin Connector Model
• Connector: HDEB-9P
• Cover: HDE-CTF1
25-pin Connector Model
• Connector: HDBB-25P
• Cover: HDB-CTF1
Cable: Shielded cable with 10 core wires
Dielectric strength: 1000 V AC @ 1 minute
EXTERNAL DIMENSIONS & CONNECTOR PIN ASSIGNMENT mm (inch)
1
1
2
3
4
5
6
2
3
4
5
6
7
9
8
7
8
20
25
14
9
6
5
13
1
1
WIRING DIAGRAM
CONNECTOR PIN ASSIGNMENT
9-pin
25-pin
20 (.79)
18 (.71)
44 (1.73)
50 (1.97)
2000 (78.74)


Similar Part No. - DCN3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DCN3-11 OMRON-DCN3-11 Datasheet
3Mb / 24P
General-purpose Peripheral Devices
logo
FCI connector
DCN37P064HTXLF FCI-CONNECTOR-DCN37P064HTXLF Datasheet
115Kb / 1P
D-SUB SOLDER BUCKET CONNECTOR
More results

Similar Description - DCN3

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX93000 MCNIX-MX93000 Datasheet
180Kb / 24P
Special Codec
logo
Willow Technologies Ltd
FHR4-2036D WILLOW-FHR4-2036D Datasheet
313Kb / 2P
Special Resistors
FHR4-2820H WILLOW-FHR4-2820H Datasheet
359Kb / 2P
Special Resistors
FHR4-4026H WILLOW-FHR4-4026H Datasheet
323Kb / 2P
Special Resistors
logo
Assmann Electronics Inc...
AK707-R ASSMANN-AK707-R Datasheet
275Kb / 1P
IEEE 1284 SPECIAL PRINTER CABLE
logo
PHOENIX CONTACT
RF-Z0007 PHOENIX-RF-Z0007 Datasheet
49Kb / 1P
Special wrench
logo
M-System Co.,Ltd.
CLSA08C MSYSTEM-CLSA08C Datasheet
62Kb / 1P
SPECIAL CABLE
CLSCN MSYSTEM-CLSCN Datasheet
63Kb / 1P
SPECIAL CABLE
DCN9 MSYSTEM-DCN9 Datasheet
78Kb / 2P
SPECIAL CABLE
HDR40 MSYSTEM-HDR40 Datasheet
90Kb / 1P
SPECIAL CABLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com