Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

F16F Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # F16F
Description  FAST RECOVERY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

F16F Datasheet(HTML) 2 Page - Rectron Semiconductor

  F16F Datasheet HTML 1Page - Rectron Semiconductor F16F Datasheet HTML 2Page - Rectron Semiconductor F16F Datasheet HTML 3Page - Rectron Semiconductor F16F Datasheet HTML 4Page - Rectron Semiconductor F16F Datasheet HTML 5Page - Rectron Semiconductor F16F Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
AMBIENT TEMPERATURE, (
OC)
0
0.01
0.1
1
10
0
0.25
0.5
1.8
2.0
2.2
2.4 2.6
2.8
3.0
1.6
175
150
125
100
75
50
25
0
FIG.3
REVERSE CHAR
RACTERIST
TICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2
INSTANTANEOUS
FORWARD CHARACTERISTICS
Single
Half Wave 60HZ
Resistive or
Inductive Load
0.375" (9.5mm) Lead Length
TA =25
OC
Pulse Width = 300mS
1% Duty Cycle
REVERSE VOLTAGE, (V)
0
0
1000
100
10
10000
100000
12
16
4
8
FIG.4 TYPICAL TOTAL CAP
PACITANCE
NUMBER OF CYCLES AT 60Hz
1
0
10
5
15
35
25
8
6
2
4
10
20
40
80 100
FIG.5 TYPICAL REVERSE CHARACTERISTICS
8.3mS Single Half Sine-Wave
JEDEC Method
020
1000
0.1
10000
1.0
10
100
100
120
40
60
80
140
TA =150
OC
TA =25
OC
MAXIMUM
MAXIMUM
1.2
1.4
RATING AND CHARACTERISTICS CURVES (F16F)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com