Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LDPA Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LDPA
Description  Power Transducer Series L-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LDPA Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LDPA Datasheet HTML 1Page - M-System Co.,Ltd. LDPA Datasheet HTML 2Page - M-System Co.,Ltd. LDPA Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: LDPA
http://www.m-system.co.jp/
LDPA SPECIFICATIONS
ES-1944 Rev.7 Page 1/3
Power Transducer Series L-UNIT
PT TRANSDUCER
(super-miniature size; self-powered;
average sensing; RMS calibrated)
Functions & Features
• Converting an alternating voltage from a potential
(voltage) transformer into a standard process signal
• Minimum ripple
• No auxiliary power source required
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Centralized monitoring and control of power line and
power supply voltages measured at switch boards
• Monitoring abnormal voltage drops for detecting overload
60
(2.36)
44 (1.73)
46
(1.81)
mm (inch)
MODEL: LDPA–[1][2][3]
ORDERING INFORMATION
• Code number: LDPA–[1][2][3]
Specify a code from below for each [1] through [3].
(e.g. LDPA-55/D/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Voltage
5: 0 – 150 V AC (used within 90 – 150 V)
6: 0 – 300 V AC (used within 180 – 300 V)
[2] OUTPUT
Current
G: 0 – 1 mA DC (Load resistance 5000 Ω max.)
Voltage
3: 0 – 1 V DC (Load resistance 2000 Ω min.)
4: 0 – 10 V DC (Load resistance 20 kΩ min.)
5: 0 – 5 V DC (Load resistance 10 kΩ min.)
[3] OPTIONS (multiple selections)
Mounting
blank: Surface
/D: DIN rail
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Stand-alone; terminal access at the front
Connection: M4 screw terminals (torque 1.2 N·m)
Screw terminal: Nickel-plated brass (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output
Input waveform: Sine wave
Overrange output: 60 – 120 % at 0 – 5 V
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
Frequency: 50 or 60 Hz
Input burden: 2 VA
Overload capacity: 150 % of rating for 10 sec., 120 %
continuous
Operational range: 60 – 120 % of rating
OUTPUT SPECIFICATIONS
■ OPERATION DIAGRAM
50
100
IN %
0
50
OUT %
100
(60)
0
Note: The described accuracy is not assured within 0 – 60%
of the rating, though output signal exists.


Similar Part No. - LDPA

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
LDP ANOVA-LDP Datasheet
331Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
LDP LUGUANG-LDP Datasheet
881Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Mini-Circuits
LDP-1050-252 MINI-LDP-1050-252 Datasheet
301Kb / 2P
Diplexer
LDP-1050-252+ MINI-LDP-1050-252+ Datasheet
301Kb / 2P
Diplexer
logo
LUMEX INC.
LDP-2R2608RD-50 LUMEX-LDP-2R2608RD-50 Datasheet
147Kb / 3P
CUSTOM LED DISPLAY
More results

Similar Description - LDPA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
L2CE MSYSTEM-L2CE Datasheet
102Kb / 3P
Power Transducer Series L-UNIT
L2PA MSYSTEM-L2PA Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
L2PNA MSYSTEM-L2PNA Datasheet
107Kb / 3P
Power Transducer Series L-UNIT
LCNA MSYSTEM-LCNA Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LDPE MSYSTEM-LDPE Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
LPNE MSYSTEM-LPNE Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LPE MSYSTEM-LPE Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
LPCE MSYSTEM-LPCE Datasheet
113Kb / 3P
Power Transducer Series L-UNIT
LPAUN MSYSTEM-LPAUN Datasheet
111Kb / 3P
Power Transducer Series L-UNIT
LWTN MSYSTEM-LWTN Datasheet
146Kb / 5P
Power Transducer Series L-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com